Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4984DTR Datasheet(PDF) 29 Page - STMicroelectronics

Part # L4984DTR
Description  CCM PFC controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4984DTR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L4984DTR Datasheet HTML 25Page - STMicroelectronics L4984DTR Datasheet HTML 26Page - STMicroelectronics L4984DTR Datasheet HTML 27Page - STMicroelectronics L4984DTR Datasheet HTML 28Page - STMicroelectronics L4984DTR Datasheet HTML 29Page - STMicroelectronics L4984DTR Datasheet HTML 30Page - STMicroelectronics L4984DTR Datasheet HTML 31Page - STMicroelectronics L4984DTR Datasheet HTML 32Page - STMicroelectronics L4984DTR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
DocID024474 Rev 1
29/35
L4984D
THD optimizer circuit
Figure 36. HD optimization: standard PFC controller
Figure 35
shows the internal block diagram of the THD optimizer circuit.
To take maximum benefit from the THD optimizer circuit, the high-frequency filter capacitor
after the bridge rectifier should be minimized, compatibly with EMI filtering needs. A large
capacitance, in fact, introduces a conduction dead-angle of the AC input current - even with
an ideal energy transfer by the PFC pre-regulator - therefore reducing the effectiveness of
the optimizer circuit.
Essentially, the circuit artificially increases the on-time of the power switch with a positive
offset added to the output of the multiplier in the proximity of the line voltage zero-crossings.
This offset is reduced as the instantaneous line voltage increases, so that it becomes
negligible as the line voltage moves toward the top of the sinusoid. Furthermore, the offset is
modulated by the voltage on the VFF pin (see Section 8: Voltage feedforward) so as to have
little offset at low line, where energy transfer at zero-crossings is typically quite good, and a
larger offset at high line where the energy transfer gets worse.
The effect of the circuit is shown in Figure 36, where the key waveforms of a standard PFC
controller are compared to those of this chip. Note the significant reduction in the region
around the zero-crossing where the drain voltage cannot reach the output voltage and how
switching frequency drops dramatically near the zero-crossing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com