Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9301 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 13Page - STMicroelectronics L9301 Datasheet HTML 14Page - STMicroelectronics L9301 Datasheet HTML 15Page - STMicroelectronics L9301 Datasheet HTML 16Page - STMicroelectronics L9301 Datasheet HTML 17Page - STMicroelectronics L9301 Datasheet HTML 18Page - STMicroelectronics L9301 Datasheet HTML 19Page - STMicroelectronics L9301 Datasheet HTML 20Page - STMicroelectronics L9301 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
DocID028688 Rev 6
17/51
L9301
Configuration 1: 8 low side drivers
50
7.1
Configuration 2: 4 low-side PWM mode and 4 low-side drivers
In this configuration there are 4 low side drivers with integrated free-wheeling diodes and 4
low side drivers available. All the channels can be driven by SPI or by the parallel input. To
enable the OUT1-4 driving, the PWM enable SPI bit for OUT1-4 and SRC1-4 must be set.
The IN1-4 control the low side power OUT1-4 used to drive the LOAD1-4 and the device
should assure that when the low-side is switched off, the high-side, acting as a
free-wheeling diode, must be turned on. To avoid cross conduction the LS VGS voltage is
monitored.
When OUT1-4 are commanded ON either by INx or SPI, the L9301 switches off the HS first,
then with 2 μs delay after detecting HS VGS low, it switches on LS.
When OUT1-4 are commanded OFF either by INx or SPI, the L9301 switches off the LS
first, then with 2 μs delay after detecting LS VGS low, it switches on the HS.
IN5-8 control OUT5-8
The selected configuration must be configured by SPI.
The corresponding relations are:
IN1: OUT1 ↔ SRC2;
IN2: OUT2 ↔ SRC1;
IN3: OUT3 ↔ SRC4;
IN4: OUT4 ↔ SRC3
Figure 5. Configuration 2: 4 low-side PWM mode and 4 low-side drivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com