Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STBC03 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STBC03
Description  Li-Ion linear battery charger with LDO and load switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC03 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STBC03 Datasheet HTML 10Page - STMicroelectronics STBC03 Datasheet HTML 11Page - STMicroelectronics STBC03 Datasheet HTML 12Page - STMicroelectronics STBC03 Datasheet HTML 13Page - STMicroelectronics STBC03 Datasheet HTML 14Page - STMicroelectronics STBC03 Datasheet HTML 15Page - STMicroelectronics STBC03 Datasheet HTML 16Page - STMicroelectronics STBC03 Datasheet HTML 17Page - STMicroelectronics STBC03 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Typical performance characteristics
STBC03
14/34
DocID029927 Rev 2
5
Typical performance characteristics
Figure 3: Battery mode 3 V LDO load transient
response
Figure 4: Thermal management
VBAT = 3.7 V, 10 mA to 150 mA, slope 150 mA/1 µs
VBAT = 3.7 V, VIN = 5.0 V
CH2 (red) = LDO 1 V/div
CH3 (green) = LDO 10 mV/div
CH4 (pink) = LDO load variation
CH1 (blue) = VSYS
CH2 (red) = LDO
CH3 (green) = VBAT
CH4 (pink) = IBAT
Figure 5: VIN mode, overvoltage protection
Figure 6: Pre-charge to fast charge mode transition
threshold
Charging is resumed when OVP disappears
CH1 (blue) = VIN 800 mV/div
CH2 (red) = VSYS 800 mV/div
CH3 (green) = VBAT 800 mV/div
CH4 (pink) = IBAT 20 mA/div
CH1 (blue) = VIN 800 mV/div
CH2 (red) = VSYS 800 mV/div
CH3 (green) = VBAT 800 mV/div
CH4 (pink) = IBAT 20 mA/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com