Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STCF04 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STCF04
Description  High power white LED SuperCap™ driver with I²C interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF04 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STCF04 Datasheet HTML 20Page - STMicroelectronics STCF04 Datasheet HTML 21Page - STMicroelectronics STCF04 Datasheet HTML 22Page - STMicroelectronics STCF04 Datasheet HTML 23Page - STMicroelectronics STCF04 Datasheet HTML 24Page - STMicroelectronics STCF04 Datasheet HTML 25Page - STMicroelectronics STCF04 Datasheet HTML 26Page - STMicroelectronics STCF04 Datasheet HTML 27Page - STMicroelectronics STCF04 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Description of the internal registers
STCF04
24/43
Doc ID 022927 Rev 3
9.1.4
NTC_ON
This bit activates the comparators that monitor the LED temperature. NTC-related blocks
are always active regardless of this bit in Torch mode and Flash mode.
9.1.5
TCHV_H
Torch voltage HIGH: when set to 1, the SuperCap voltage is maintained to the value set by
the feature register (VDC_0~1) during Torch mode. If this bit is set to 0, voltage on the
SuperCap is regulated to maintain the desired torch current and optimize the efficiency in
Torch mode.
9.1.6
CHRG
This bit enables the charging of the SuperCap, when set to 1, the device starts to charge the
SuperCap by the limited current from the PVBAT. During this operation the active balancing
circuit is enabled.
9.1.7
MONTR
When this bit is set and the VDC voltage in the feature register is set to a non-zero value at
the same time, the device enters Monitoring mode.
9.2
Flash register (FL_REG) 01(hex)
FDIM_0~2: these 3 bits define the LED current in Flash mode with 8 values.
FTIM_0~4: these 5 bits define the flash duration timer value in Flash mode with 32 values.
Note:
RFL is the external sensing resistor, external MOS transistor connected, see Figure 3.
Table 11.
Flash register
CL_REG
(Write mode)
MSB
LSB
SUB ADD=01
FTIM_4
FTIM_3
FTIM_2
FTIM_1
FTIM_0
FDIM_2
FDIM_1
FDIM_0
Power-ON, Shutdown
mode RESET value
0
0000000
Table 12.
Flash mode dimming registers settings (EXT_REG = 0)
F_DIM (hex)
01
234
56
7
DRIVE voltage
[mV]**
12
48
60
72
84
96
108
120
LED current [A]*
0.012 V /
RFL
0.048 V /
RFL
0.060 V /
RFL
0.072 V /
RFL
0.084 V /
RFL
0.096 V /
RFL
0.108 V /
RFL
0.120 V /
RFL
Example LED
current (A) for
RFL = 10 mΩ
1.2
4.8
6
7.2
8.4
9.6
10.8
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com