Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC97338VLJ Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 55Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 56Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 57Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 58Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 59Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 60Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 61Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 62Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 221 page
background image
59
www.national.com
Bit 4 - SCC1 Bank Select Enable
Enables bank switching. Upon reset, this bit is ini-
tialized to 0.
0 - All attempts to access the extended registers
of SCC1 are ignored. (Default)
1 - SCC1 extended registers accessible.
Bits 5 - SCC2 Normal Power Mode
Upon reset, this bit is initialized to 1.
0 - Low power mode. SCC2’s clock is disabled.
IRSL2, 1 and 0 output signals are set to 0.
The RI2 input signal can be set to generate an
interrupt. Registers are maintained.
1 - Normal power mode - SCC2’s clock is en-
abled. SCC2 is functional, when bit 2 of the
FER register is set to 1.
Bit 6 - SCC2 is Busy
Read only. This bit can be used by power manage-
ment software to decide when to power down
SCC2.
This bit is initialized to 0.
0 - No transfer is in progress. (Default)
1 - A transfer is in progress.
FIGURE 23. Busy Flag Timing
Bit 7 - SCC2 Bank Select Enable
Enables bank switching. Upon reset, this bit is ini-
tialized to 0.
0 - All attempts to access the extended registers
of SCC2 are ignored. (Default)
1 - SCC2 extended registers accessible.
2.3.22 Plug and Play Configuration 2
Register (PNP2), Index 41h
This register allows configurable mapping of the
FDC’s interrupt and DMA signals onto the ISA inter-
rupts and DMA channels. It allows also configurable
mapping of the parallel port’s DMA signals onto the
ISA DMA channels. Upon reset, PNP2 is initialized to
00110000.
FIGURE 24. PNP2 Register Bitmap
Bits 3-0 - FDC Interrupt Mapping
FDC interrupt mapping in Plug and Play mode.
Upon reset these bits are initialized to 0000.
When enabled it can be routed onto one of the fol-
lowing ISA interrupts: IRQ3-IRQ7, IRQ9-IRQ12
and IRQ15. See Table 23.
Disable means FDC’s interrupt is not routed to any
ISA interrupt. Unpredictable results when invalid
values are written. IRQ5, IRQ12 and IRQ15 can
not always be configured. For more details, refer
to Section 6 on page 190.
It is the software‘s responsibility to route all inter-
rupt sources onto the ISA interrupts correctly.
In Legacy mode, these bits are ignored and the in-
terrupt of the FDC is connected to IRQ6.
TABLE 23. FDC Plug and Play Interrupt Mapping
SCF2 Busy
Flag
UART2 AS
Transmitter
I/O WR
UART2 AS
Receiver SIN2
t
UART and SIR mode: t = one character + 48*(bit time)
TV Remote: t = 75
µs
Busy Flag
one character time =
(bit time) * (word size + start bit + number of stop bits + parity bit)
Bit time = 1/baudrate
MIR, FIR: t = 32
µs
reset after
time t
Bit 3
Bit 2
Bit 1
Bit 0
Interrupt
00
0
0
Disable
0
0
0
1
Invalid
0
0
1
0
Invalid
00
1
1
IRQ3
01
0
0
IRQ4
01
0
1
IRQ5
01
1
0
IRQ6
01
1
1
IRQ7
FDC Interrupt Mapping
FDC DMA Plug and Play Support
Reserved
7
6
5
432
10
Reset
Required
0
0
0
0
1
1
0
0
(PNP2)
Plug and Play Configuration
Index 41h
Register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com