Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC97338VLJ Datasheet(PDF) 179 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 179 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 175Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 176Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 177Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 178Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 179Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 180Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 181Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 182Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 183Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 221 page
background image
179
www.national.com
5.21.3 RCCFG – CEIR Configuration
Register
This register controls the basic operation of the CEIR
mode.
After reset, all bits are set to 0.
FIGURE 88. CEIR Configuration Register
5.21.4 LCR/BSR – Link Control/Bank
Select Registers
These registers are the same as in bank 0.
5.21.5 IRCFG [1–4] – Infrared Interface
Configuration Registers
Four registers are provided to configure the infrared
interface. These registers are used to select the infra-
red receiver inputs as well as the transceiver opera-
tional mode. Selection of the transceiver mode is
accomplished by up to three special output signals
(ID/IRSL [2–0]). When these signals are programmed
as outputs, they will be forced low when automatic
configuration is enabled (AMCFG bit set to 1) and
UART mode is selected.
B7–5 MCPW [2–0] – Modulation Subcarrier Pulse
Width.
Encoding
Low Frequency,
TXHSC = 0
(CEIR only)
High Frequency,
TXHSC = 1
(CEIR or Sharp-
IR)
000
Reserved
Reserved
001
Reserved
Reserved
010
6
µs
0.7
µs
011
7
µs
0.8
µs
100
9
µs
0.9
µs
101
10.6
µs
Reserved
110
Reserved
Reserved
111
Reserved
Reserved
B1–0 RC_MMD [1–0] – Transmitter Modulation
Mode.
Determines how infrared pulses are generated
from the transmitted bit string.
00
→ C_PLS Modulation Mode.Pulses are
generated continuously for the entire logic 0 bit
time.
01
→ 8_PLS Modulation Mode.8 pulses are
generated each time one or more logic 0 bits
are transmitted following a logic 1 bit.
10
→ 6_PLS Modulation Mode.6 pulses are
generated each time one or more logic 0 bits
are transmitted following a logic 1 bit.
7
654
32
10
Reset
Required
0
0
0
0
0
0
0
0
0
RCDM_DS
Reserved
RXHSC
T_OV
R_LEN
RC_MMD0
RC_MMD1
TXHSC
11
→ Reserved.Result is indeterminate.
B2
TXHSC – Transmitter Subcarrier Frequency
Select.
Selects the frequency range for the modulation
subcarrier.
0
→ 30–56.9 kHz
1
→ 400–480 kHz
B3
Reserved.
Write 0.
B4
RCDM_DS – Receiver Demodulation Dis-
able.
When this bit is 1, the internal demodulator is
disabled. The internal demodulator, when en-
abled, performs subcarrier frequency checking
and envelope generation.
It must be disabled when demodulation is done
externally, or when oversampling mode is used
to determine the subcarrier frequency.
B5
RXHSC – Receiver Subcarrier Frequency
Select.
Selects the frequency range for the receiver
demodulator.
0
→ 30–56.9 kHz
1
→ 400–480 kHz
B6
T_0V – Receiver Sampling Mode.
0
→ Programmed-T-period sampling.
1
→ Oversampling Mode.
B7
R_LEN – Run-Length Control.
When set to 1, run-length encoding/decoding
is enabled.
The format of a run-length code is YXXXXXXX,
where:
Y - Bit value
XXXXXXX— Number of bits minus 1.
(Selects 1 to 128 bits).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com