| Electronic Components Datasheet Search |
|
STGAP1STR Datasheet(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STGAP1STR Datasheet(HTML) 34 Page - STMicroelectronics |
|
34 / 67 page ![]() Functional description STGAP1S 34/67 DocID027190 Rev 3 7.10.1 Always The 2LTO is performed at each turn-off transition (2LTO_EN = '1'). When 2LTO is used at each transition the minimum on or off pulse width is determined by 2LTO time. Some sample waveforms are given in Figure 14 and Figure 15, where INAND represents the condition: < IN+ = 'H' and IN- = 'L' >. If a turn-on pulse is shorter than t2LTOtime it shall be ignored; turn-on pulses longer than t2LTOtime will determine a delay in the turn-on equal to t2LTOtime (see Figure 14). Figure 14. Example of short turn-on pulses when 2LTO occurs at each cycle When a turn-off pulse is detected the turn-off procedure starts immediately by forcing the V2LTOth voltage on the GOFF pin. If the duration of the turn-off pulse is shorter than t2LTOtime the turn-off sequence is aborted by setting GOFF in high impedance and turning GON on again (see Figure 15). Figure 15. Example of short turn-off pulse when 2LTO occurs at each cycle When the 2LTO is used at each cycle, any event that forces the device to enter in “safe state” generates a driver switch off performing a 2LTO sequence. 7.10.2 Fault The 2LTO is performed only after a desaturation or overcurrent event (2LTO_EN = '0'). In such cases the device enters in “safe state” until the failure flag is released. See Section 7.11 for indication on how the failure flags can be released. t2LTOtime ONtime t2LTOtime t2LTOtime t2LTOtime t2LTOtime INAND GON-GOFF tDon ONtime ONtime t2LTOtime tDon ONtime tDoff tDoff ON-time < t2LTOtime ON-time < t2LTOtime ON-time > t2LTOtime ON-time > t2LTOtime t2LTOtime tDoff INAND GON-GOFF t2LTOtime tDoff t2LTOtime tDoff tDon OFF-time > t2LTOtime OFF-time < t2LTOtime OFF-time > t2LTOtime |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |