Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGP15H60DF Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGP15H60DF
Description  Trench gate field-stop IGBT, H series 600 V, 15 A high speed
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP15H60DF Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGP15H60DF Datasheet HTML 7Page - STMicroelectronics STGP15H60DF Datasheet HTML 8Page - STMicroelectronics STGP15H60DF Datasheet HTML 9Page - STMicroelectronics STGP15H60DF Datasheet HTML 10Page - STMicroelectronics STGP15H60DF Datasheet HTML 11Page - STMicroelectronics STGP15H60DF Datasheet HTML 12Page - STMicroelectronics STGP15H60DF Datasheet HTML 13Page - STMicroelectronics STGP15H60DF Datasheet HTML 14Page - STMicroelectronics STGP15H60DF Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
DocID025113 Rev 2
11/23
STGB15H60DF, STGF15H60DF, STGP15H60DF
Electrical characteristics
23
Figure 26. Switching times vs. gate resistance
Figure 27. Reverse recovery current vs. diode
current slope
t
1
RG(Ω)
(ns)
212
22
10
32
tf
TJ= 175°C, VGE= 15V,
IC= 15A, VCC= 400V
42
100
tdon
tdoff
tr
GIPD041020131556FSR
Irm
0
di/dt(A/μs)
(A)
0
200
400
10
600
IF = 15A, Vr = 400V
800
15
=175°C
=25°C
20
5
TJ
TJ
GIPD041020131622FSR
Figure 28. Reverse recovery time vs. diode
current slope
Figure 29. Reverse recovery charge vs. diode
current slope
trr
0
di/dt(A/μs)
(µs)
0
200
400
80
600
IF = 15A, Vr = 400V
800
120
=175°C
=25°C
160
40
TJ
TJ
GIPD041020131630FSR
Qrr
0
di/dt(A/μs)
(nC)
0
200
400
400
600
IF = 15A, Vr = 400V
800
600
=175°C
=25°C
200
TJ
TJ
GIPD041020131635FSR
Figure 30. Reverse recovery energy vs. diode
current slope
Err
0
di/dt(A/μs)
(µJ)
0
200
400
80
600
IF = 15A, Vr = 400V
800
120
=175°C
=25°C
40
160
TJ
TJ
GIPD041020131638FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com