Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGB20V60DF Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGB20V60DF
Description  Low thermal resistance
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB20V60DF Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGB20V60DF Datasheet HTML 5Page - STMicroelectronics STGB20V60DF Datasheet HTML 6Page - STMicroelectronics STGB20V60DF Datasheet HTML 7Page - STMicroelectronics STGB20V60DF Datasheet HTML 8Page - STMicroelectronics STGB20V60DF Datasheet HTML 9Page - STMicroelectronics STGB20V60DF Datasheet HTML 10Page - STMicroelectronics STGB20V60DF Datasheet HTML 11Page - STMicroelectronics STGB20V60DF Datasheet HTML 12Page - STMicroelectronics STGB20V60DF Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
DocID024360 Rev 3
9/23
STGB20V60DF, STGP20V60DF, STGW20V60DF, STGWT20V60DF
Electrical characteristics
Figure 20. Switching times vs. collector current Figure 21. Switching times vs. gate resistance
AM17188v1
1
10
100
010
20
30
40
ts (ns)
Ic (A)
V
CC = 400V, VGE = 15V,
Tj =175
°C, Rg = 10 Ω
t doff
t don
t r
t f
AM17189v1
t f
1
10
100
0
10203040
ts (ns)
Rg (Ω)
VCC= 400V, VGE= 15V,
Tj=175 °C Ic = 40 A
t doff
t don
t r
Figure 22. Reverse recovery current vs. diode
current slope
Figure 23. Reverse recovery time vs. diode
current slope
Figure 24. Reverse recovery charge vs. diode
current slope
Figure 25. Reverse recovery energy vs. diode
current slope
AM17190v1
0
10
20
30
40
50
0
500
1000
1500
2000
2500
Irm (A)
di/dt (A/μs)
V
r = 400V, IF = 20 A
25°C
175 °C
AM17191v1
0
20
40
60
80
100
120
140
160
180
0
500
1000
1500
2000
2500
trr (μs)
di/dt (A/μs)
V
r = 400V, IF = 20 A
25 ºC
175 ºC
AM17192v1
0
200
400
600
800
1000
1200
1400
0
500
1000
1500
2000
2500
Qrr (nC)
di/dt (A/μs)
V
r = 400V, IF = 40 A
25°C
175°C
AM17193v1
0
100
200
300
400
500
600
700
800
0
500
1000
1500
2000
2500
Err (μJ)
di/dt (A/μs)
V
r = 400 V, IF = 20 A
175°C
25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com