Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GW20V60DF Datasheet(PDF) 8 Page - STMicroelectronics

Part # GW20V60DF
Description  Low thermal resistance
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GW20V60DF Datasheet(HTML) 8 Page - STMicroelectronics

Back Button GW20V60DF Datasheet HTML 4Page - STMicroelectronics GW20V60DF Datasheet HTML 5Page - STMicroelectronics GW20V60DF Datasheet HTML 6Page - STMicroelectronics GW20V60DF Datasheet HTML 7Page - STMicroelectronics GW20V60DF Datasheet HTML 8Page - STMicroelectronics GW20V60DF Datasheet HTML 9Page - STMicroelectronics GW20V60DF Datasheet HTML 10Page - STMicroelectronics GW20V60DF Datasheet HTML 11Page - STMicroelectronics GW20V60DF Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Electrical characteristics
STGB20V60DF, STGP20V60DF, STGW20V60DF, STGWT20V60DF
8/23
DocID024360 Rev 3
Figure 14. Capacitance variations
Figure 15. Gate charge vs. gate-emitter voltage
AM17183v1
10
100
1000
0.1
1
10
C (pF)
VCE(V)
C res
Coes
C ies
AM17182v1
0
2
4
6
8
10
12
14
16
025
50
75
100
125
VGE(V)
Qg (nC)
Figure 16. Switching losses vs. collector
current
Figure 17. Switching losses vs. gate resistance
Figure 18. Switching losses vs. junction
temperature
Figure 19. Switching losses vs. collector
emitter voltage
AM17185v1
0
200
400
600
800
1000
010
20
30
40
E (μJ)
Ic (A)
E
ON
E
OFF
V
CC 400V, VGE= 15V,
Rg=10Ω, T
J = 175°C
AM17184v1
100
300
500
700
010
20
30
40
E (μJ)
RG (Ω)
E
ON
E
OFF
V
CC 400V, VGE= 15V,
I
C =20 A, TJ = 175°C
AM17186v1
100
150
200
250
300
350
400
450
0
25
50
75
100 125 150 175
E (μJ)
TJ (ºC)
E
ON
E
OFF
V
CC 400V, VGE= 15V,
I
C = 20 A, Rg= 10 Ω
AM17187v1
100
200
300
400
500
600
150
200
250
300
350
400
450
E (μJ)
Vce (V)
E
ON
E
OFF
V
GE= 15V, TJ = 175 °C
I
C = 20 A, Rg= 10 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com