Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGP40V60F Datasheet(PDF) 18 Page - STMicroelectronics

Part # STGP40V60F
Description  Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP40V60F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STGP40V60F Datasheet HTML 14Page - STMicroelectronics STGP40V60F Datasheet HTML 15Page - STMicroelectronics STGP40V60F Datasheet HTML 16Page - STMicroelectronics STGP40V60F Datasheet HTML 17Page - STMicroelectronics STGP40V60F Datasheet HTML 18Page - STMicroelectronics STGP40V60F Datasheet HTML 19Page - STMicroelectronics STGP40V60F Datasheet HTML 20Page - STMicroelectronics STGP40V60F Datasheet HTML 21Page - STMicroelectronics STGP40V60F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Package mechanical data
STGB40V60F, STGFW40V60F, STGP40V60F, STGW40V60F
18/24
DocID024700 Rev 2
Table 9. TO-220 type A mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.40
4.60
b0.61
0.88
b1
1.14
1.70
c0.48
0.70
D
15.25
15.75
D1
1.27
E
10
10.40
e2.40
2.70
e1
4.95
5.15
F1.23
1.32
H1
6.20
6.60
J1
2.40
2.72
L13
14
L1
3.50
3.93
L20
16.40
L30
28.90
∅P3.75
3.85
Q2.65
2.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com