Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGF19NC60SD Datasheet(PDF) 14 Page - STMicroelectronics

Part # STGF19NC60SD
Description  20 A, 600 V fast IGBT with Ultrafast diode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF19NC60SD Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STGF19NC60SD Datasheet HTML 7Page - STMicroelectronics STGF19NC60SD Datasheet HTML 8Page - STMicroelectronics STGF19NC60SD Datasheet HTML 9Page - STMicroelectronics STGF19NC60SD Datasheet HTML 10Page - STMicroelectronics STGF19NC60SD Datasheet HTML 11Page - STMicroelectronics STGF19NC60SD Datasheet HTML 12Page - STMicroelectronics STGF19NC60SD Datasheet HTML 13Page - STMicroelectronics STGF19NC60SD Datasheet HTML 14Page - STMicroelectronics STGF19NC60SD Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Revision history
STGF19NC60SD, STGP19NC60SD
14/15
Doc ID 13689 Rev 4
5
Revision history
Table 10.
Document revision history
Date
Revision
Changes
02-Jul-2007
1
First release
13-Aug-2007
2
From target to preliminary version
18-Sep-2007
3
Added new section: Electrical characteristics (curves)
05-Nov-2010
4
– Cover page has been updated
– Modified gate threshold voltage range on Table 4: Static
– Updated TO-220 mechanical data
– Added new package, mechanical data: TO-220FP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com