Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGFW20V60F Datasheet(PDF) 14 Page - STMicroelectronics

Part # STGFW20V60F
Description  600 V, 20 A very high speed trench gate field-stop IGBT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGFW20V60F Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STGFW20V60F Datasheet HTML 10Page - STMicroelectronics STGFW20V60F Datasheet HTML 11Page - STMicroelectronics STGFW20V60F Datasheet HTML 12Page - STMicroelectronics STGFW20V60F Datasheet HTML 13Page - STMicroelectronics STGFW20V60F Datasheet HTML 14Page - STMicroelectronics STGFW20V60F Datasheet HTML 15Page - STMicroelectronics STGFW20V60F Datasheet HTML 16Page - STMicroelectronics STGFW20V60F Datasheet HTML 17Page - STMicroelectronics STGFW20V60F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Package mechanical data
STGFW20V60F, STGW20V60F, STGWT20V60F
14/19
DocID024851 Rev 1
Table 8. TO-247 mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
4.85
5.15
A1
2.20
2.60
b1.0
1.40
b1
2.0
2.40
b2
3.0
3.40
c
0.40
0.80
D
19.85
20.15
E
15.45
15.75
e
5.30
5.45
5.60
L
14.20
14.80
L1
3.70
4.30
L2
18.50
∅P
3.55
3.65
∅R
4.50
5.50
S
5.30
5.50
5.70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com