Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGWT20V60F Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGWT20V60F
Description  600 V, 20 A very high speed trench gate field-stop IGBT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT20V60F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGWT20V60F Datasheet HTML 5Page - STMicroelectronics STGWT20V60F Datasheet HTML 6Page - STMicroelectronics STGWT20V60F Datasheet HTML 7Page - STMicroelectronics STGWT20V60F Datasheet HTML 8Page - STMicroelectronics STGWT20V60F Datasheet HTML 9Page - STMicroelectronics STGWT20V60F Datasheet HTML 10Page - STMicroelectronics STGWT20V60F Datasheet HTML 11Page - STMicroelectronics STGWT20V60F Datasheet HTML 12Page - STMicroelectronics STGWT20V60F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DocID024851 Rev 1
9/19
STGFW20V60F, STGW20V60F, STGWT20V60F
Electrical characteristics
Figure 18. Switching losses vs. junction
temperature
Figure 19. Switching losses vs. collector
emitter voltage
Figure 20. Switching times vs. collector current Figure 21. Switching times vs. gate resistance
Figure 22. Transfer characteristics
AM17186v1
100
150
200
250
300
350
400
450
0
25
50
75
100 125 150 175
E (μJ)
TJ (ºC)
E
ON
E
OFF
V
CC 400V, VGE= 15V,
I
C = 20 A, Rg= 10 Ω
AM17187v1
100
200
300
400
500
600
150
200
250
300
350
400
450
E (μJ)
Vce (V)
E
ON
E
OFF
V
GE= 15V, TJ = 175 °C
I
C = 20 A, Rg= 10 Ω
AM17188v1
1
10
100
010
20
30
40
ts (ns)
Ic (A)
V
CC = 400V, VGE = 15V,
Tj =175
°C, Rg = 10 Ω
t doff
t don
t r
t f
AM17189v1
t f
1
10
100
0
10203040
ts (ns)
Rg (Ω)
VCC= 400V, VGE= 15V,
Tj=175 °C Ic = 40 A
t doff
t don
t r
AM17173v1
TJ=175°C
10
20
30
40
50
60
70
78
9
10
11
IC (A)
VGE (V)
-40°C
25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com