Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW40H65FB Datasheet(PDF) 13 Page - STMicroelectronics

Part # STGW40H65FB
Description  Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW40H65FB Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STGW40H65FB Datasheet HTML 9Page - STMicroelectronics STGW40H65FB Datasheet HTML 10Page - STMicroelectronics STGW40H65FB Datasheet HTML 11Page - STMicroelectronics STGW40H65FB Datasheet HTML 12Page - STMicroelectronics STGW40H65FB Datasheet HTML 13Page - STMicroelectronics STGW40H65FB Datasheet HTML 14Page - STMicroelectronics STGW40H65FB Datasheet HTML 15Page - STMicroelectronics STGW40H65FB Datasheet HTML 16Page - STMicroelectronics STGW40H65FB Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
STGFW40H65FB, STGW40H65FB,
STGWA40H65FB, STGWT40H65FB
Package information
DocID025171 Rev 7
13/21
Table 7: TO-3PF mechanical data
Dim.
mm
Min.
Typ.
Max.
A
5.30
5.70
C
2.80
3.20
D
3.10
3.50
D1
1.80
2.20
E
0.80
1.10
F
0.65
0.95
F2
1.80
2.20
G
10.30
11.50
G1
5.45
H
15.30
15.70
L
9.80
10
10.20
L2
22.80
23.20
L3
26.30
26.70
L4
43.20
44.40
L5
4.30
4.70
L6
24.30
24.70
L7
14.60
15
N
1.80
2.20
R
3.80
4.20
Dia
3.40
3.80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com