Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW15H120DF2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGW15H120DF2
Description  Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW15H120DF2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGW15H120DF2 Datasheet HTML 3Page - STMicroelectronics STGW15H120DF2 Datasheet HTML 4Page - STMicroelectronics STGW15H120DF2 Datasheet HTML 5Page - STMicroelectronics STGW15H120DF2 Datasheet HTML 6Page - STMicroelectronics STGW15H120DF2 Datasheet HTML 7Page - STMicroelectronics STGW15H120DF2 Datasheet HTML 8Page - STMicroelectronics STGW15H120DF2 Datasheet HTML 9Page - STMicroelectronics STGW15H120DF2 Datasheet HTML 10Page - STMicroelectronics STGW15H120DF2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DocID023751 Rev 5
7/18
STGW15H120DF2, STGWA15H120DF2
Electrical characteristics
18
Figure 8. Collector current vs. switching
frequency
Figure 9. Forward bias safe operating area
Figure 10. Transfer characteristics
Figure 11. Normalized VGE(th) vs junction
temperature
Figure 12. Normalized V(BR)CES vs. junction
temperature
Figure 13. Capacitance variation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com