Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGWA15H120DF2 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STGWA15H120DF2
Description  Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA15H120DF2 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STGWA15H120DF2 Datasheet HTML 10Page - STMicroelectronics STGWA15H120DF2 Datasheet HTML 11Page - STMicroelectronics STGWA15H120DF2 Datasheet HTML 12Page - STMicroelectronics STGWA15H120DF2 Datasheet HTML 13Page - STMicroelectronics STGWA15H120DF2 Datasheet HTML 14Page - STMicroelectronics STGWA15H120DF2 Datasheet HTML 15Page - STMicroelectronics STGWA15H120DF2 Datasheet HTML 16Page - STMicroelectronics STGWA15H120DF2 Datasheet HTML 17Page - STMicroelectronics STGWA15H120DF2 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
DocID023751 Rev 5
17/18
STGW15H120DF2, STGWA15H120DF2
Revision history
18
5
Revision history
Table 10. Document revision history
Date
Revision
Changes
03-Oct-2012
1
Initial release.
03-Mar-2014
2
Updated title and features in cover page.
Updated Section 4: Package mechanical data.
Minor text changes.
08-Apr-2014
3
Added Section 2.1: Electrical characteristics (curves).
Minor text changes.
29-Jan-2015
4
Added 4.2: TO-247 long leads, STGWA15H120DF2.
Updated Figure 29.: Gate charge test circuit.
Updated Figure 30.: Switching waveform and Figure 31.: Diode
reverse recovery waveform.
Minor text changes.
04-Mar-2015
5
Updated Figure 5.: Output characteristics (TJ = 175°C)
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com