Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGWA15S120DF3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGWA15S120DF3
Description  Trench gate field-stop IGBT, S series 1200 V, 15 A low drop
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA15S120DF3 Datasheet(HTML) 1 Page - STMicroelectronics

  STGWA15S120DF3 Datasheet HTML 1Page - STMicroelectronics STGWA15S120DF3 Datasheet HTML 2Page - STMicroelectronics STGWA15S120DF3 Datasheet HTML 3Page - STMicroelectronics STGWA15S120DF3 Datasheet HTML 4Page - STMicroelectronics STGWA15S120DF3 Datasheet HTML 5Page - STMicroelectronics STGWA15S120DF3 Datasheet HTML 6Page - STMicroelectronics STGWA15S120DF3 Datasheet HTML 7Page - STMicroelectronics STGWA15S120DF3 Datasheet HTML 8Page - STMicroelectronics STGWA15S120DF3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This is information on a product in full production.
December 2014
DocID026371 Rev 2
1/18
STGW15S120DF3,
STGWA15S120DF3
Trench gate field-stop IGBT, S series
1200 V, 15 A low drop
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• 10 µs of short-circuit withstand time
• VCE(sat) = 1.55 V (typ.) @ IC = 15 A
• Tight parameter distribution
• Safer paralleling
• Low thermal resistance
• Soft and fast recovery antiparallel diode
Applications
• Industrial drives
• UPS
• Solar
• Welding
Description
This device is an IGBT developed using an
advanced proprietary trench gate field-stop
structure. The device is part of the S series of
1200 V IGBTs which is tailored to maximize
efficiency of low frequency industrial systems.
Furthermore, a positive VCE(sat) temperature
coefficient and tight parameter distribution result
in safer paralleling operation.
Table 1. Device summary
Order code
Marking
Package
Packing
STGW15S120DF3
G15S120DF3
TO-247
Tube
STGWA15S120DF3
G15S120DF3
TO-247 long leads
Tube
www.st.com


Similar Part No. - STGWA15S120DF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGWA15H120DF2 STMICROELECTRONICS-STGWA15H120DF2 Datasheet
832Kb / 18P
Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
04-Mar-2015
logo
Inchange Semiconductor ...
STGWA15H120DF2 ISC-STGWA15H120DF2 Datasheet
586Kb / 3P
IGBT
logo
STMicroelectronics
STGWA15H120F2 STMICROELECTRONICS-STGWA15H120F2 Datasheet
801Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
01-Apr-2015
STGWA15M120DF3 STMICROELECTRONICS-STGWA15M120DF3 Datasheet
1Mb / 19P
Trench gate field-stop IGBT, M series 1200 V, 15 A low loss
31-Oct-2014
More results

Similar Description - STGWA15S120DF3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH15T120SMD FAIRCHILD-FGH15T120SMD Datasheet
257Kb / 9P
1200 V, 15 A Field Stop Trench IGBT
FGL12040WD FAIRCHILD-FGL12040WD Datasheet
1Mb / 9P
1200 V, 40 A Field Stop Trench IGBT
logo
STMicroelectronics
STGW15H120DF2 STMICROELECTRONICS-STGW15H120DF2 Datasheet
832Kb / 18P
Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
04-Mar-2015
STGW15H120F2 STMICROELECTRONICS-STGW15H120F2 Datasheet
801Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
01-Apr-2015
STGW15M120DF3 STMICROELECTRONICS-STGW15M120DF3 Datasheet
1Mb / 19P
Trench gate field-stop IGBT, M series 1200 V, 15 A low loss
31-Oct-2014
STGW25M120DF3 STMICROELECTRONICS-STGW25M120DF3 Datasheet
1Mb / 18P
Trench gate field-stop IGBT, M series 1200 V, 25 A low loss
31-Oct-2014
STGW25S120DF3 STMICROELECTRONICS-STGW25S120DF3 Datasheet
703Kb / 18P
Trench gate field-stop IGBT, S series 1200 V, 25 A low drop
18-Dec-2014
STGW40M120DF3 STMICROELECTRONICS-STGW40M120DF3 Datasheet
1Mb / 18P
Trench gate field-stop IGBT, M series 1200 V, 40 A low loss
10-Nov-2014
STGW40S120DF3 STMICROELECTRONICS-STGW40S120DF3 Datasheet
724Kb / 18P
Trench gate field-stop IGBT, S series 1200 V, 40 A low drop
18-Dec-2014
logo
ON Semiconductor
FGH12040WD ONSEMI-FGH12040WD Datasheet
812Kb / 10P
IGBT - Field Stop, Trench 1200 V, 40 A
April, 2020 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com