Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW25H120DF2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGW25H120DF2
Description  Trench gate field-stop IGBT, H series 1200 V, 25 A high speed
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW25H120DF2 Datasheet(HTML) 1 Page - STMicroelectronics

  STGW25H120DF2 Datasheet HTML 1Page - STMicroelectronics STGW25H120DF2 Datasheet HTML 2Page - STMicroelectronics STGW25H120DF2 Datasheet HTML 3Page - STMicroelectronics STGW25H120DF2 Datasheet HTML 4Page - STMicroelectronics STGW25H120DF2 Datasheet HTML 5Page - STMicroelectronics STGW25H120DF2 Datasheet HTML 6Page - STMicroelectronics STGW25H120DF2 Datasheet HTML 7Page - STMicroelectronics STGW25H120DF2 Datasheet HTML 8Page - STMicroelectronics STGW25H120DF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
March 2015
DocID023752 Rev 4
1/17
STGW25H120DF2,
STGWA25H120DF2
Trench gate field-stop IGBT, H series
1200 V, 25 A high speed
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Maximum junction temperature: TJ = 175 °C
• High speed switching series
• Minimized tail current
• VCE(sat) = 2.1 V (typ.) @ IC = 25 A
• 5 µs minimum short circuit withstand time at
TJ=150 °C
• Safe paralleling
• Very fast recovery antiparallel diode
• Low thermal resistance
Applications
• Uninterruptible power supply
• Welding machines
• Photovoltaic inverters
• Power factor correction
• High frequency converters
Description
These devices are IGBTs developed using an
advanced proprietary trench gate field-stop
structure. These devices are part of the H series
of IGBTs, which represent an optimum
compromise between conduction and switching
losses to maximize the efficiency of high
switching frequency converters. Moreover, a
slightly positive VCE(sat) temperature coefficient
and very tight parameter distribution result in
safer paralleling operation.
Table 1. Device summary
Order code
Marking
Package
Packaging
STGW25H120DF2
G25H120DF2
TO-247
Tube
STGWA25H120DF2
G25H120DF2
TO-247 long leads
Tube
www.st.com


Similar Part No. - STGW25H120DF2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW25H120F2 STMICROELECTRONICS-STGW25H120F2 Datasheet
957Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 25 A high speed
23-Mar-2015
More results

Similar Description - STGW25H120DF2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH25T120SMD FAIRCHILD-FGH25T120SMD Datasheet
308Kb / 9P
1200 V, 25 A Field Stop Trench IGBT
logo
STMicroelectronics
STGB7H60DF STMICROELECTRONICS-STGB7H60DF Datasheet
985Kb / 25P
Trench gate field-stop IGBT, H series 600 V, 7 A high speed
05-Jun-2015
STGW15H120DF2 STMICROELECTRONICS-STGW15H120DF2 Datasheet
832Kb / 18P
Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
04-Mar-2015
STGW15H120F2 STMICROELECTRONICS-STGW15H120F2 Datasheet
801Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
01-Apr-2015
STGW25H120F2 STMICROELECTRONICS-STGW25H120F2 Datasheet
957Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 25 A high speed
23-Mar-2015
STGW25M120DF3 STMICROELECTRONICS-STGW25M120DF3 Datasheet
1Mb / 18P
Trench gate field-stop IGBT, M series 1200 V, 25 A low loss
31-Oct-2014
STGW25S120DF3 STMICROELECTRONICS-STGW25S120DF3 Datasheet
703Kb / 18P
Trench gate field-stop IGBT, S series 1200 V, 25 A low drop
18-Dec-2014
STGW40H120DF2 STMICROELECTRONICS-STGW40H120DF2 Datasheet
821Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
28-Jun-2016
STGW40H120F2 STMICROELECTRONICS-STGW40H120F2 Datasheet
1,002Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
25-Mar-2015
STG25H120F2D7 STMICROELECTRONICS-STG25H120F2D7 Datasheet
252Kb / 10P
1200 V, 25 A trench gate field-stop H series IGBT die in D7 packing
May 2015 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com