Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW35NB60S Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGW35NB60S
Description  N-channel 35A - 600V - TO-247 Low drop PowerMESH™ IGBT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW35NB60S Datasheet(HTML) 5 Page - STMicroelectronics

  STGW35NB60S Datasheet HTML 1Page - STMicroelectronics STGW35NB60S Datasheet HTML 2Page - STMicroelectronics STGW35NB60S Datasheet HTML 3Page - STMicroelectronics STGW35NB60S Datasheet HTML 4Page - STMicroelectronics STGW35NB60S Datasheet HTML 5Page - STMicroelectronics STGW35NB60S Datasheet HTML 6Page - STMicroelectronics STGW35NB60S Datasheet HTML 7Page - STMicroelectronics STGW35NB60S Datasheet HTML 8Page - STMicroelectronics STGW35NB60S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STGW35NB60S
Electrical characteristics
5/13
Table 5.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
(di/dt)on
Turn-on Delay Time
Current Rise Time
Turn-on Current Slope
VCC = 480V, IC = 20A
RG= 100Ω, VGE= 15V,
see Figure 15 and 17
92
70
340
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on Delay Time
Current Rise Time
Turn-on Current Slope
VCC = 480V, IC = 20A
RG= 100Ω, VGE= 15V,
Tj= 125°C
see Figure 15 and 17
80
73
320
ns
ns
A/µs
tr(Voff)
td(off)
tf
Off Voltage Rise Time
Turn-off Delay Time
Current Fall Time
Vcc = 480V, IC = 20A,
RGE = 100Ω , VGE = 5V,
see Figure 15 and 17
0.78
1.1
0.79
µs
µs
µs
tr(Voff)
td(off)
tf
Off Voltage Rise Time
Turn-off Delay Time
Current Fall Time
Vcc = 480V, IC = 20A,
RGE=100Ω,VGE =15V,
Tj=125°C
see Figure 15 and 17
1.1
2.4
1.2
µs
µs
µs
Table 6.
Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eon
Eoff
(1)
Ets
1.
Turn-off losses include also the tail of the collector current
Turn-on Switching Losses
Turn-off Switching Losses
Total Switching Losses
VCC = 480V, IC = 20A
RG=100Ω, VGE= 15V,
see Figure 15 and 17
0.84
7.4
8.24
mJ
mJ
mJ
Eon
Eoff
(1)
Ets
Turn-on Switching Losses
Turn-off Switching Losses
Total Switching Losses
VCC = 480V, IC = 20A
RG=100Ω, VGE= 15V,
Tj= 125°C
see Figure 15 and 17
0.86
11.5
12.4
mJ
mJ
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com