Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1240 Datasheet(PDF) 2 Page - NEC

Part # ST1240
Description  ECONOMICAL SAS DIRECT ATTACHED STORAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

ST1240 Datasheet(HTML) 2 Page - NEC

  ST1240 Datasheet HTML 1Page - NEC ST1240 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tel: +33 1 42 91 80 00
Fax: +33 1 42 91 88 61
®2011 NEC. The information and specification contained in this publication
are subject to modification without prior notice. NEC Storage ST1240
is a registered trademark of NEC corporation, used under license. All other
names of products and brands cited are the property of their respective
owners. Products can be photographed with the optional components
available. NEC declines all responsibility in the case of photographic or
typing errors. Photos and documents are not contractual.
NEC IT Platform Solutions Division
European Headquarters
10, rue Godefroy - 92821 Puteaux Cedex France
www.nec-itplatform.com
NEC Corporation
7-1, Shiba 5-chome, Minato-ku, Tokyo, 108-8001 Japan
www.nec.com
Ref : Datasheet - uk / ST1240 May 2011
NEC STORAGE ST1240
SAS Performance
•• 6 Gb/s SAS host Connectivity
•• Support 15Krpm SAS HDDs
Advanced Reliability
•• Dual Hot Swappable PSU
•• Up to 12 Hot Swap HDDs
•• SES Enclosure Management
Data Capacity
•• Up to 24 TB of Storage Capacity
•• Up to 12x3,5” SAS or SATA HDDS
SPECIFICATIONS
GENERAL SPECIFICATIONS
Max. Storage Capacity
24TB SATA / 7.2TB SAS
N° of HotSwap HDDs
12x3,5” HDDs
Host Interface
SAS 6Gb/s
Storage Controllers
1
N° of Host Ports
1 standard 4x wide-port SAS connector
Interface to Disks
SAS 6Gb/s - SATA 3Gb/s
NEC RAID Controller
N8103-135
HDD SPECIFICATIONS
15K SAS 6Gbs HDDs
300GB / 450GB / 600GB
7.2K SATA 3Gb/s HDDs
1TB / 2TB
SATA/SAS mix
supported
PHYSICAL SPECIFICATIONS
Form Factor
2U Rackable Storage Unit
EIA Standard Height
2 - EIA
Fan Redundancy
Yes
Cabinet Dimensions
480 x 540 x 86.5 mm
Maximum Weight
30 Kg (with HDDs)
18 Kg (without HDDs)
Operating Constraints
10-35°C, 20-80% RH
POWER SPECIFICATIONS
Redundant + HS PSU
2x 450W
Power Source
AC100 - 240V, 50/60Hz
N° of AC Lines
2
WARRANTY
Standard Warranty
3 years on-site NBD
NEC ULTRACARE SERVICES
Warranty Extensions
4 hour Response 8x5
4 hour Response 24x7
6H RTC 24x7 or CRU Exchange
REGULATORY & SAFETY
Certification
CE / FCC Compliant



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com