Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGWA40H120DF2 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STGWA40H120DF2
Description  Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA40H120DF2 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STGWA40H120DF2 Datasheet HTML 9Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 10Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 11Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 12Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 13Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 14Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 15Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 16Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Revision history
STGW40H120DF2, STGWA40H120DF2
16/17
DocID023753 Rev 5
5
Revision history
Table 10: Document revision history
Date
Revision
Changes
03-Oct-2012
1
First release.
29-Jan-2014
2
Updated features in cover page.
Updated Table 4: Static characteristics, Table 5: Dynamic
characteristics and Table 7: Diode switching characteristics (inductive
load).
Minor text changes.
24-Mar-2014
3
Updated title and description in cover page.
Updated Table 4: Static characteristics, Table 5: Dynamic
characteristics and Table 7: Diode switching characteristics (inductive
load).
Added Section 2.1: Electrical characteristics (curves).
31-Mar-2015
4
Added device in TO-247 long leads.
Updated 4: Package information.
Updated Figure 7, Figure 11, Figure 14, Figure 15, Figure 20, Figure 21
and added Figure 26.
Minor text changes.
28-Jun-2016
5
Modified: Table 2: "Absolute maximum ratings", Section 2: "Electrical
characteristics", Table 6: "IGBT switching characteristics (inductive
load)"
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com