Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW50HF60SD Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGW50HF60SD
Description  60 A, 600 V, very low drop IGBT with soft and fast recovery diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW50HF60SD Datasheet(HTML) 1 Page - STMicroelectronics

  STGW50HF60SD Datasheet HTML 1Page - STMicroelectronics STGW50HF60SD Datasheet HTML 2Page - STMicroelectronics STGW50HF60SD Datasheet HTML 3Page - STMicroelectronics STGW50HF60SD Datasheet HTML 4Page - STMicroelectronics STGW50HF60SD Datasheet HTML 5Page - STMicroelectronics STGW50HF60SD Datasheet HTML 6Page - STMicroelectronics STGW50HF60SD Datasheet HTML 7Page - STMicroelectronics STGW50HF60SD Datasheet HTML 8Page - STMicroelectronics STGW50HF60SD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
December 2010
Doc ID 16818 Rev 2
1/13
13
STGW50HF60SD
60 A, 600 V, very low drop IGBT
with soft and fast recovery diode
Features
■ Very low on-state voltage drop
■ Low switching off
■ High current capability
■ Very soft ultra fast recovery antiparallel diode
Application
■ PV inverter
■ UPS
Description
STGW50HF60SD is a very low drop IGBT based
on new advanced planar technology, showing
extremely low on-state voltage and limited turn-off
losses. The overall performance makes this IGBT
ideal in low frequency switches of mixed
frequency topologies for PF
≤1.
Figure 1.
Internal schematic diagram
TO-247
1
2
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STGW50HF60SD
GW50HF60SD
TO-247
Tube
www.st.com


Similar Part No. - STGW50HF60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW50H60DF STMICROELECTRONICS-STGW50H60DF Datasheet
1Mb / 12P
50 A, 600 V field stop trench gate IGBT with Ultrafast diode
26-Jul-2012
STGW50H65DFB2-4 STMICROELECTRONICS-STGW50H65DFB2-4 Datasheet
317Kb / 15P
Trench gate field-stop, 650 V, 50 A, high-speed HB2 series IGBT in a TO247-4 package
03-Aug-2020
More results

Similar Description - STGW50HF60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
30 A - 600 V - very fast IGBT
14-May-2008
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
600 V - 10 A - very fast IGBT
16-Dec-2008
STGW45HF60WDI STMICROELECTRONICS-STGW45HF60WDI Datasheet
499Kb / 16P
45 A, 600 V ultra fast IGBT with low drop diode
21-Dec-2010
STGWA19NC60HD STMICROELECTRONICS-STGWA19NC60HD Datasheet
522Kb / 14P
31 A, 600 V, very fast IGBT with Ultrafast diode
14-Sep-2011
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
4.5 A, 600 V very fast IGBT with Ultrafast diode
22-Dec-2010
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
4.5 A, 600 V very fast IGBT with Ultrafast diode
22-Dec-2010
STGB3HF60HD STMICROELECTRONICS-STGB3HF60HD Datasheet
1Mb / 26P
4.5 A, 600 V very fast IGBT with Ultrafast diode
19-Sep-2016
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
19 A - 600 V - very fast IGBT
01-Sep-2009
STGW35HF60WDI STMICROELECTRONICS-STGW35HF60WDI Datasheet
1Mb / 15P
35 A, 600 V ultrafast IGBT with low drop diode
25-Aug-2011
STGD3HF60HD STMICROELECTRONICS-STGD3HF60HD Datasheet
925Kb / 16P
4.5 A, 600 V very fast IGBT with Ultrafast diode
22-Dec-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com