Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW60H65DFB Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGW60H65DFB
Description  Low thermal resistance
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW60H65DFB Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGW60H65DFB Datasheet HTML 5Page - STMicroelectronics STGW60H65DFB Datasheet HTML 6Page - STMicroelectronics STGW60H65DFB Datasheet HTML 7Page - STMicroelectronics STGW60H65DFB Datasheet HTML 8Page - STMicroelectronics STGW60H65DFB Datasheet HTML 9Page - STMicroelectronics STGW60H65DFB Datasheet HTML 10Page - STMicroelectronics STGW60H65DFB Datasheet HTML 11Page - STMicroelectronics STGW60H65DFB Datasheet HTML 12Page - STMicroelectronics STGW60H65DFB Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DocID024365 Rev 7
9/19
STGW60H65DFB, STGWA60H65DFB, STGWT60H65DFB
Electrical characteristics
Figure 20. Reverse recovery current vs. diode
current slope
Figure 21. Reverse recovery time vs. diode
current slope
Irm
(A)
70
30
0
0
di/dt(A/μs)
500
1000
1500
Vr= 400V, IF= 60A
TJ= 175°C
2000
2500
50
60
40
20
10
80
TJ= 25°C
GIPD280820131635FSR
trr
(ns)
150
0
0
di/dt(A/μs)
500
1000
1500
Vr= 400V, IF= 60A
TJ= 175°C
2000
2500
250
200
100
50
TJ= 25°C
300
GIPD280820131643FSR
Figure 22. Reverse recovery charge vs. diode
current slope
Figure 23. Reverse recovery energy vs. diode
current slope
Qrr
(nC)
1500
0
0
di/dt(A/μs)
500
1000
1500
Vr= 400V, IF= 60A
TJ= 175°C
2000
2500
2500
2000
1000
500
TJ= 25°C
3000
3500
4000
GIPD280820131650FSR
Err
(μJ)
300
0
0
di/dt(A/μs)
500
1000
1500
Vr= 400V, IF= 60A
TJ= 175°C
2000
2500
500
400
200
100
TJ= 25°C
600
700
800
GIPD280820131656FSR
Figure 24. Capacitance variations
Figure 25. Collector current vs. switching
frequency
C(pF)
1000
100
10
0.1
VCE(V)
110
10000
Cies
Coes
Cres
100
f = 1 MHz
GIPD280820131518FSR
20
40
60
80
100
110
Ic (A)
f (kHz)
G
Ω
rectangular current shape,
(duty cycle=0.5, V
CC = 400V, R =10
,
V
GE = 0/15 V, TJ =175°C)
Tc=80°C
Tc=100 °C
GIPD080120151105FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com