Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGWA60H65DFB Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGWA60H65DFB
Description  Low thermal resistance
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA60H65DFB Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGWA60H65DFB Datasheet HTML 4Page - STMicroelectronics STGWA60H65DFB Datasheet HTML 5Page - STMicroelectronics STGWA60H65DFB Datasheet HTML 6Page - STMicroelectronics STGWA60H65DFB Datasheet HTML 7Page - STMicroelectronics STGWA60H65DFB Datasheet HTML 8Page - STMicroelectronics STGWA60H65DFB Datasheet HTML 9Page - STMicroelectronics STGWA60H65DFB Datasheet HTML 10Page - STMicroelectronics STGWA60H65DFB Datasheet HTML 11Page - STMicroelectronics STGWA60H65DFB Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical characteristics
STGW60H65DFB, STGWA60H65DFB, STGWT60H65DFB
8/19
DocID024365 Rev 7
Figure 14. Switching losses vs temperature
Figure 15. Switching losses vs gate resistance
E (μJ)
1800
1000
200
25
TJ(°C)
50
75
100
125
2600
VCC= 400V, VGE= 15V
Rg= 10Ω, IC= 60A
150
EOFF
EON
GIPD290820131623FSR
E(μJ)
2100
1300
500
2
RG(Ω)
610
2900
VCC = 400V, VGE = 15V
IC = 60A, TJ = 175 °C
14
18
EOFF
EON
GIPD280820131527FSR
Figure 16. Switching losses vs collector current Figure 17. Switching losses vs collector emitter
voltage
E (μJ)
2000
1000
0
0
IC(A)
20
40
60
80
3000
4000
5000
6000
7000
VCC= 400V, VGE= 15V
Rg= 10Ω, TJ= 175°C
100
EOFF
EON
GIPD280820131538FSR
E (μJ)
2300
1300
300
150
VCE(V)
250
350
450
3300
TJ= 175°C, VGE= 15V
Rg= 10Ω, IC= 60A
EOFF
EON
4300
GIPD280820131554FSR
Figure 18. Switching times vs collector current
Figure 19. Switching times vs gate resistance
t
(ns)
100
10
1
0
IC(A)
20
40
60
80
TJ= 175°C, VGE= 15V
Rg= 10Ω, VCC= 400V
100
tf
tdoff
tdon
tr
GIPD280820131613FSR
t
(ns)
100
10
Rg(Ω)
48
TJ= 175°C, VGE= 15V
IC= 60A, VCC= 400V
12
tf
tdoff
16
tdon
tr
20
GIPD280820131622FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com