Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW80H65FB Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGW80H65FB
Description  Low thermal resistance
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW80H65FB Datasheet(HTML) 1 Page - STMicroelectronics

  STGW80H65FB Datasheet HTML 1Page - STMicroelectronics STGW80H65FB Datasheet HTML 2Page - STMicroelectronics STGW80H65FB Datasheet HTML 3Page - STMicroelectronics STGW80H65FB Datasheet HTML 4Page - STMicroelectronics STGW80H65FB Datasheet HTML 5Page - STMicroelectronics STGW80H65FB Datasheet HTML 6Page - STMicroelectronics STGW80H65FB Datasheet HTML 7Page - STMicroelectronics STGW80H65FB Datasheet HTML 8Page - STMicroelectronics STGW80H65FB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This is information on a product in full production.
June 2014
DocID026401 Rev 1
1/18
18
STGW80H65FB, STGWA80H65FB,
STGWT80H65FB
Trench gate field-stop IGBT, HB series
650 V, 80 A high speed
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Maximum junction temperature: TJ = 175 °C
• High speed switching series
• Minimized tail current
• VCE(sat) = 1.6 V (typ.) @ IC = 80 A
• Tight parameter distribution
• Safe paralleling
• Low thermal resistance
Applications
• Photovoltaic inverters
• High frequency converters
Description
This device is an IGBT developed using an
advanced proprietary trench gate and field stop
structure. The device is part of the new “HB”
series of IGBTs, which represent an optimum
compromise between conduction and switching
losses to maximize the efficiency of any
frequency converter. Furthermore, a slightly
positive VCE(sat) temperature coefficient and very
tight parameter distribution result in safer
paralleling operation.
TO-247
1
2
3
TO-3P
1
2
3
TAB
TO-247 long leads
C (2 or TAB)
E (3)
G (1)
Table 1. Device summary
Order code
Marking
Package
Packaging
STGW80H65FB
GW80H65FB
TO-247
Tube
STGWA80H65FB
GWA80H65FB
TO-247 long leads
Tube
STGWT80H65FB
GWT80H65FB
TO-3P
Tube
www.st.com


Similar Part No. - STGW80H65FB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW80H65FB-4 STMICROELECTRONICS-STGW80H65FB-4 Datasheet
772Kb / 14P
Safe paralleling
03-Apr-2017
More results

Similar Description - STGW80H65FB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
Low thermal resistance
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
Low thermal resistance
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
Low thermal resistance
logo
M/A-COM Technology Solu...
MA4P504-1072 MA-COM-MA4P504-1072 Datasheet
677Kb / 5P
Low Thermal Resistance
logo
Sangdest Microelectroni...
ST3060DJF SMC-ST3060DJF Datasheet
131Kb / 4P
Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
Low thermal resistance
logo
Vishay Siliconix
IRFIBC40GLC VISHAY-IRFIBC40GLC Datasheet
890Kb / 9P
Low thermal resistance
02-May-16
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
Low thermal resistance
11-Apr-2017
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
Low thermal resistance
08-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com