Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGWA60NC60WDR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STGWA60NC60WDR
Description  Power factor correction
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA60NC60WDR Datasheet(HTML) 2 Page - STMicroelectronics

  STGWA60NC60WDR Datasheet HTML 1Page - STMicroelectronics STGWA60NC60WDR Datasheet HTML 2Page - STMicroelectronics STGWA60NC60WDR Datasheet HTML 3Page - STMicroelectronics STGWA60NC60WDR Datasheet HTML 4Page - STMicroelectronics STGWA60NC60WDR Datasheet HTML 5Page - STMicroelectronics STGWA60NC60WDR Datasheet HTML 6Page - STMicroelectronics STGWA60NC60WDR Datasheet HTML 7Page - STMicroelectronics STGWA60NC60WDR Datasheet HTML 8Page - STMicroelectronics STGWA60NC60WDR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Electrical ratings
STGWA60NC60WDR
2/12
Doc ID 022019 Rev 1
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VGE = 0)
600
V
IC
(1)
1.
Calculated according to the iterative formula:
Collector current (continuous) at TC = 25 °C
130
A
IC
(1)
Collector current (continuous) at TC = 100 °C
60
A
ICL
(2)
2.
Vclamp = 480 V, TJ = 150 °C, RG = 10 Ω, VGE = 15 V
Turn-off latching current
250
A
ICP
(3)
3.
Pulse width limited by max. temperature allowed
Pulsed collector current
250
A
IF
Diode RMS forward current at TC = 25 °C
30
A
IFSM
Surge not repetitive forward current (tp = 10 ms
sinusoidal)
120
A
VGE
Gate-emitter voltage
± 20
V
PTOT
Total dissipation at TC = 25 °C
340
W
Tj
Operating junction temperature
- 55 to 150
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case IGBT max.
0.35
°C/W
Rthj-case
Thermal resistance junction-case diode max.
1.25
°C/W
Rthj-amb
Thermal resistance junction-ambient max.
50
°C/W
I
C
T
C
()
T
JMAX
T
C
–
R
THJ
C
–
V
CESAT MAX
() TC IC
,
()
×
---------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com