Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1020-RTR1 Datasheet(PDF) 14 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 10Page - Texas Instruments CC1020-RTR1 Datasheet HTML 11Page - Texas Instruments CC1020-RTR1 Datasheet HTML 12Page - Texas Instruments CC1020-RTR1 Datasheet HTML 13Page - Texas Instruments CC1020-RTR1 Datasheet HTML 14Page - Texas Instruments CC1020-RTR1 Datasheet HTML 15Page - Texas Instruments CC1020-RTR1 Datasheet HTML 16Page - Texas Instruments CC1020-RTR1 Datasheet HTML 17Page - Texas Instruments CC1020-RTR1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 95 page
background image
CC1020
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
4.9
Frequency Synthesizer
All measurements were performed using the two-layer PCB CC1020EMX reference design. See Figure 6-1. The electrical
specifications given for 868 MHz are also applicable for 902 to 928 MHz. TA = 25°C, AVDD = DVDD = 3.0 V,
fC = 14.7456 MHz if nothing else stated.
PARAMETER
TYP
UNIT
CONDITION
At 12.5 kHz offset from carrier
–90
dBc/Hz
Unmodulated carrier.
At 25 kHz offset from carrier
–100
dBc/Hz
Phase noise,
Measured using loop filter components
402 to 470 MHz
At 50 kHz offset from carrier
–105
dBc/Hz
given in Table 6-2. The phase noise will
12.5 kHz channel spacing
be higher for larger PLL loop filter
At 100 kHz offset from carrier
–110
dBc/Hz
bandwidth.
At 1 MHz offset from carrier
–114
dBc/Hz
At 12.5 kHz offset from carrier
–85
dBc/Hz
Unmodulated carrier.
At 25 kHz offset from carrier
–95
dBc/Hz
Phase noise,
Measured using loop filter components
804 to 960 MHz
At 50 kHz offset from carrier
–101
dBc/Hz
given in Table 6-2. The phase noise will
25 kHz channel spacing
be higher for larger PLL loop filter
At 100 kHz offset from carrier
–109
dBc/Hz
bandwidth.
At 1 MHz offset from carrier
–118
dBc/Hz
12.5 kHz channel spacing, 433 MHz
2.7
kHz
After PLL and VCO calibration. The PLL
PLL loop bandwidth
loop bandwidth is programmable.
25 kHz channel spacing, 868 MHz
8.3
kHz
12.5 kHz channel spacing, 433 MHz
900
µs
307.2 kHz frequency step to RF frequency
within ±10% of channel spacing. Depends
25 kHz channel spacing, 868 MHz
640
µs
PLL lock time
on loop filter component values and
(RX / TX turn time)
PLL_BW register setting. See Table 5-13
500 kHz channel spacing
14
µs
for more details.
12.5 kHz channel spacing, 433 MHz
3.2
ms
Time from writing to registers to RF
PLL turn-on time.
frequency within ±10% of channel
25 kHz channel spacing, 868 MHz
2.5
ms
From power down mode
spacing. Depends on loop filter
with crystal oscillator
component values and PLL_BW register
500 kHz channel spacing
700
µs
running.
setting. See Table 5-12 for more details.
14
Specifications
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com