Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87366-XXX/VLA Datasheet(PDF) 194 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366-XXX/VLA
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366-XXX/VLA Datasheet(HTML) 194 Page - National Semiconductor (TI)

Back Button PC87366-XXX/VLA Datasheet HTML 190Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 191Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 192Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 193Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 194Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 195Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 196Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 197Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 198Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 240 page
background image
11.0 Voltage Level Monitor (VLM) (Continued)
194
www.national.com
11.7.2
Measuring Out of Range Positive and Negative Voltages
Only voltages within the range of 0V to 2.45*VREF can be measured by the module. To measure voltages out of this range,
any of the external measurement pins can be used, with the addition of external resistors that should be used as voltage
dividers. (See Figure 40.)
Table 52. Delay Setting Example
External
Elements
Delay Time
(nS)
RSOURCE
[K
Ω]
CP
[pF]
5
0.1
15
1
110
10
900
30
3200
27.5
0.1
25
1
210
10
2220
30
7900
50
0.1
45
1
430
10
3350
30
11400
Figure 40. Measurement of Positive and Negative Voltages
R1
VIN (12V)
R2
AVI
R1
R2
AVI
VIN (-12V)
AVDD
AVSS
AVSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com