Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GG25LAJ Datasheet(PDF) 18 Page - STMicroelectronics

Part # GG25LAJ
Description  Fitness and healthcare
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GG25LAJ Datasheet(HTML) 18 Page - STMicroelectronics

Back Button GG25LAJ Datasheet HTML 14Page - STMicroelectronics GG25LAJ Datasheet HTML 15Page - STMicroelectronics GG25LAJ Datasheet HTML 16Page - STMicroelectronics GG25LAJ Datasheet HTML 17Page - STMicroelectronics GG25LAJ Datasheet HTML 18Page - STMicroelectronics GG25LAJ Datasheet HTML 19Page - STMicroelectronics GG25LAJ Datasheet HTML 20Page - STMicroelectronics GG25LAJ Datasheet HTML 21Page - STMicroelectronics GG25LAJ Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Functional description
GG25L
18/28
DocID025995 Rev 1
Figure 11. BATD and RSTIO
The BATD/CD pin used as a battery detector is an analog I/O.The input detection threshold
is typically 1.61 V.
BATD/CD is also an output connected to VCC level when active. Otherwise, it is high
impedance.
The RSTIO signal is used to control the application system reset during the initial OCV
measurement. The RSTIO pin is a standard I/O pin with open drain output.
BATD/CD can be connected to the NTC sensor or to the identification resistor of the battery
pack. The GG25L does not provide any biasing voltage or current for the battery detection.
An external pull-up resistor or another device has to pull the BATD/CD pin high when the
battery is removed.
Figure 12. BATD/CD pin connection when used as battery detector
BATD/CD
RSTIO
VCC
BATD_drive_high
BATD_comp_out
RSTI
RSTO
1.61 V
+
-
GG25L
GG25L
Other biasing
and/or detection
circuit
Battery
pack
BATD/CD
Rid
BATD biasing by external circuitry
BATD resistor biasing
Battery pack
Rid
Ru
(>1 M)
1K
1K
BATD/CD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com