| Electronic Components Datasheet Search |
|
MSP430F435IPZ Datasheet(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F435IPZ Datasheet(HTML) 12 Page - Texas Instruments |
|
12 / 82 page ![]() MSP430x43x1, MSP430x43x, MSP430x44x1, MSP430x44x MIXED SIGNAL MICROCONTROLLER SLAS344G − JANUARY 2002 − REVISED OCTOBER 2009 12 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 MSP430x43x1 Terminal Functions (Continued) TERMINAL PN I/O PZ I/O DESCRIPTION NAME NO. I/O NAME NO. I/O DESCRIPTION P3.3/UCLK0/S28 40 I/O S28 40 O General-purpose digital I/O / ext. clock i/p—USART0/UART or SPI mode, clock o/p—USART0/SPI mode / LCD segment output 28 P3.2/SOMI0/S29 41 I/O S29 41 O General-purpose digital I/O / slave out/master in of USART0/SPI mode / LCD segment output 29 P3.1/SIMO0/S30 42 I/O S30 42 O General-purpose digital I/O / slave out/master out of USART0/SPI mode / LCD segment output 30 P3.0/STE0/S31 43 I/O S31 43 O General-purpose digital I/O / slave transmit enable-USART0/SPI mode / LCD segment output 31 S32 44 O LCD segment output 32 S33 45 O LCD segment output 33 P4.7/S34 46 I/O General-purpose digital I/O / LCD segment output 34 P4.6/S35 47 I/O General-purpose digital I/O / LCD segment output 35 P4.5/S36 48 I/O General-purpose digital I/O / LCD segment output 36 P4.4/S37 49 I/O General-purpose digital I/O / LCD segment output 37 P4.3/S38 50 I/O General-purpose digital I/O / LCD segment output 38 P4.2/S39 51 I/O General-purpose digital I/O / LCD segment output 39 COM0 44 O COM0 52 O COM0−3 are used for LCD backplanes. P5.2/COM1 45 I/O P5.2/COM1 53 I/O General-purpose digital I/O / common output, COM0−3 are used for LCD backplanes. P5.3/COM2 46 I/O P5.3/COM2 54 I/O General-purpose digital I/O / common output, COM0−3 are used for LCD backplanes. P5.4/COM3 47 I/O P5.4/COM3 55 I/O General-purpose digital I/O / common output, COM0−3 are used for LCD backplanes. R03 48 I R03 56 I Input port of fourth positive (lowest) analog LCD level (V5) P5.5/R13 49 I/O P5.5/R13 57 I/O General-purpose digital I/O / input port of third most positive analog LCD level (V4 or V3) P5.6/R23 50 I/O P5.6/R23 58 I/O General-purpose digital I/O / input port of second most positive analog LCD level (V2) P5.7/R33 51 I/O P5.7/R33 59 I/O General-purpose digital I/O / output port of most positive analog LCD level (V1) DVCC2 52 DVCC2 60 Digital supply voltage, positive terminal. DVSS2 53 DVSS2 61 Digital supply voltage, negative terminal. P4.1 62 I/O General-purpose digital I/O P4.0 63 I/O General-purpose digital I/O P3.7 64 I/O General-purpose digital I/O P3.6 65 I/O General-purpose digital I/O P3.5 66 I/O General-purpose digital I/O P3.4 67 I/O General-purpose digital I/O P3.3/UCLK0 68 I/O General-purpose digital I/O / external clock input—USART0/UART or SPI mode, clock output—USART0/SPI mode P3.2/SOMI0 69 I/O General-purpose digital I/O / slave out/master in of USART0/SPI mode P3.1/SIMO0 70 I/O General-purpose digital I/O / slave in/master out of USART0/SPI mode P3.0/STE0 71 I/O General-purpose digital I/O / slave transmit enable USART0/SPI mode P2.7 72 I/O General-purpose digital I/O P2.6/CAOUT 73 I/O General-purpose digital I/O / Comparator_A output P2.5/URXD0 54 I/O P2.5/URXD0 74 I/O General-purpose digital I/O / receive data in—USART0/UART mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |