Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESCC Datasheet(PDF) 2 Page - AVX Corporation

Part # ESCC
Description  ESCC Qualified SMPS Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

ESCC Datasheet(HTML) 2 Page - AVX Corporation

  ESCC Datasheet HTML 1Page - AVX Corporation ESCC Datasheet HTML 2Page - AVX Corporation ESCC Datasheet HTML 3Page - AVX Corporation ESCC Datasheet HTML 4Page - AVX Corporation ESCC Datasheet HTML 5Page - AVX Corporation ESCC Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MAY 2015
■ 71
ESCC Qualified SMPS Capacitors
High Capacitance
Capacitors, Fixed, Ceramic Dielectric, Type II, High
Capacitance, Based on Case Styles BR, CV and CH for use
in ESCC space programs, according to ESCC Generic
Specification 3001 and associated Detail Specification
3001/030 as recommended by the Space Components
Coordination Group. (see ranges in table below)
Note 1: Lead Types
a - Leaded Radial (epoxy coated)
b - Leaded Radial (Polyurethane Varnish)
c - Straight Dual in Line
d - L Dual in Line
Note 2: Tolerances of ±10% and ±20% are available
Case
Figure
Capacitance Code (E12)
Size
Variant
50V
100V
200V
500V
BR40
01
a
185 - 335
125 - 275
334 - 564 124 - 224
BR50
02
a
395 - 565
225 - 395
684 - 105 274 - 394
BR66
03
a
685 - 106
475 - 825
105 - 225 474 - 105
BR72
04
a
126 - 186
825 - 156
225 - 335 824 - 155
BR84
05
a
126 - 186
825 - 156
225 - 335 824 - 155
CV41
06
b
185 - 335
125 - 275
334 - 564 124 - 224
CH41
07
c
185 - 335
125 - 275
334 - 564 124 - 224
CH41
08
d
185 - 335
125 - 275
334 - 564 124 - 224
CH42
09
c
395 - 685
335 - 565
684 - 125 274 - 474
CH42
10
d
395 - 685
335 - 565
684 - 125 274 - 474
CH43
11
c
825 - 106
685 - 825
155 - 185 564 - 684
CH43
12
d
825 - 106
685 - 825
155 - 185 564 - 684
CH44
13
c
126
106
225
824 - 105
CH44
14
d
126
106
225
824 - 105
CV51
15
b
395 - 565
225 - 395
684 - 105 274 - 394
CH51
16
c
395 - 565
225 - 395
684 - 105 274 - 394
CH51
17
d
395 - 565
225 - 395
684 - 105 274 - 394
CH52
18
c
685 - 106
475 - 825
125 - 225 474 - 824
CH52
19
d
685 - 106
475 - 825
125 - 225 474 - 824
CH53
20
c
126 - 156
106 - 126
275 - 335 105 - 125
CH53
21
d
126 - 156
106 - 126
275 - 335 105 - 125
CH54
22
c
186 - 226
156
395
155
CH54
23
d
186 - 226
156
395
155
CV61
24
b
685 - 106
475 - 825
105 - 225 474 - 105
CH61
25
c
685 - 106
475 - 825
105 - 225 474 - 105
CH61
26
d
685 - 106
475 - 825
105 - 225 474 - 105
CH62
27
c
126 - 226
106 - 156
275 - 475 105 - 185
CH62
28
d
126 - 226
106 - 156
275 - 475 105 - 185
CH63
29
c
276 - 336
186 - 226
565 - 685 225 - 275
CH63
30
d
276 - 336
186 - 226
565 - 685 225 - 275
CH64
˜31
c
396
276 - 336
825 - 106
335
CH64
32
d
396
276 - 336
825 - 106
335
CV71
33
b
126 - 186
825 - 156
225 - 335 824 - 155
CH71
34
c
126 - 186
825 - 156
225 - 335 824 - 155
CH71
35
d
126 - 186
825 - 156
225 - 335 824 - 155
CH72
36
c
226 - 396
186 - 276
395 - 685 185 - 335
CH72
37
d
226 - 396
186 - 276
395 - 685 185 - 335
HIGH CAPACITANCE LEADED CAPACITORS
3001030
Detail Spec
Number
XX
Type Variant
(per table above)
B
Test Level
C = Standard test level
B = Level C plus serialized and
capacitance recorded before
and after 100% burn-in.
XXX
Capacitance
Code
The first two digits represent
significant figures and the third
digit specifies the number of
zeros to follow; i.e.
102 = 1000pF
103 = 10000pF
K
Capacitance
Tolerance
K = 10%
M = 20%
X
Voltage
C = 50V
E = 100V
G = 200V
L = 500V
EG 300103018C106KC
HOW TO ORDER
Parts should be ordered using the ESCC variant number as follows:
Case
Figure
Capacitance Code (E12)
Size
Variant
50V
100V
200V
500V
CH73
38
c
476 - 566
336 - 396
825 - 106 395 - 475
CH73
39
d
476 - 566
336 - 396
825 - 106 395 - 475
CH74
40
c
686
476
126
565
CH74
41
d
686
476
126
565
CV76
42
b
126 - 186
825 - 156
225 - 335 824 - 155
CH76
43
c
126 - 186
825 - 156
225 - 335 824 - 155
CH76
44
d
126 - 186
825 - 156
225 - 335 824 - 155
CH77
45
c
226 - 396
186 - 276
395 - 685 185 - 335
CH77
46
d
226 - 396
186 - 276
395 - 685 185 - 335
CH78
47
c
476 - 566
336 - 396
825 - 106 395 - 475
CH78
48
d
476 - 566
336 - 396
825 - 106 395 - 475
CH79
49
c
686
476
126
565
CH79
50
d
686
476
126
565
CH81
51
c
156 - 226
126 - 186
225 - 395 824 - 155
CH81
52
d
156 - 226
126 - 186
225 - 395 824 - 155
CH82
53
c
276 - 476
226 - 396
475 - 825
CH82
54
d
276 - 476
226 - 396
475 - 825
CH83
55
c
566 - 686
476 - 566
106 - 126
CH83
56
d
566 - 686
476 - 566
106 - 126
CH84
57
c
826
686
156
CH84
58
d
826
686
156
CH86
59
c
226 - 336
156 - 276
395 - 685 155 - 225
CH86
60
d
226 - 336
156 - 276
395 - 685 155 - 225
CH87
61
c
396 - 686
336 - 566
825 - 156
CH87
62
d
396 - 686
336 - 566
825 - 156
CH88
63
c
826 - 107
686 - 826
186 - 226
CH88
64
d
826 - 107
686 - 826
186 - 226
CH89
65
c
127
107
276
CH89
66
d
127
107
276
CH91
67
c
396 - 476
336 - 396
825 - 106
CH91
68
d
396 - 476
336 - 396
825 - 106
CH92
69
c
566 - 107
476 - 826
126 - 226
CH92
70
d
566 - 107
476 - 826
126 - 226
CH93
71
c
127 - 157
107 - 127
276 - 336
CH93
72
d
127 - 157
107 - 127
276 - 336
CH94
73
c
187
157
396
CH94
74
d
187
157
396
Lot Acceptance Testing is available for all our ESCC qualified ranges.
LAT 1
42 samples
→ 12 mechanical + 20 life test + 6 for TC + 4 for solder
LAT 2
30 samples
→ 20 life test + 6 for TC + 4 for solder
LAT 3
10 samples
→ 6 for TC + 4 for solder
Not RoHS Compliant



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com