Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F447IPZ Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F447IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F447IPZ Datasheet(HTML) 45 Page - Texas Instruments

Back Button MSP430F447IPZ Datasheet HTML 41Page - Texas Instruments MSP430F447IPZ Datasheet HTML 42Page - Texas Instruments MSP430F447IPZ Datasheet HTML 43Page - Texas Instruments MSP430F447IPZ Datasheet HTML 44Page - Texas Instruments MSP430F447IPZ Datasheet HTML 45Page - Texas Instruments MSP430F447IPZ Datasheet HTML 46Page - Texas Instruments MSP430F447IPZ Datasheet HTML 47Page - Texas Instruments MSP430F447IPZ Datasheet HTML 48Page - Texas Instruments MSP430F447IPZ Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 82 page
background image
MSP430x43x1, MSP430x43x, MSP430x44x1, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344G − JANUARY 2002 − REVISED OCTOBER 2009
45
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
POR/brownout reset (BOR) (see Note 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(BOR)
2000
µs
VCC(start)
dVCC/dt ≤ 3 V/s (see Figure 10)
0.7
× V(B_IT−)
V
V(B_IT−)
Brownout
dVCC/dt ≤ 3 V/s (see Figure 10 through Figure 12)
1.71
V
Vhys(B_IT−)
(see Note 2)
dVCC/dt ≤ 3 V/s (see Figure 10)
70
130
180
mV
t(reset)
Pulse length needed at RST/NMI pin to accepted reset internally,
VCC = 2.2 V/3 V
2
µs
NOTES:
1. The current consumption of the brownout module is already included in the ICC current consumption data. The voltage level
V(B_IT−) + Vhys(B_IT−) is ≤ 1.8V.
2. During power up, the CPU begins code execution following a period of td(BOR) after VCC = V(B_IT−) + Vhys(B_IT−). The default FLL+
settings must not be changed until VCC ≥ VCC(min), where VCC(min) is the minimum supply voltage for the desired
operating frequency. See the MSP430x4xx Family User’s Guide (SLAU056) for more information on the brownout/SVS circuit.
typical characteristics
0
1
t d(BOR)
VCC
V(B_IT−)
Vhys(B_IT−)
VCC(start)
Figure 10. POR/Brownout Reset (BOR) vs Supply Voltage
VCC(drop)
VCC
3 V
t pw
0
0.5
1
1.5
2
0.001
1
1000
Typical Conditions
1 ns
1 ns
tpw − Pulse Width − µstpw − Pulse Width − µs
VCC = 3 V
Figure 11. VCC(drop) Level With a Square Voltage Drop to Generate a POR/Brownout Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com