Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA8044AF Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA8044AF
Description  3.3V / 5V DUAL-VOLTAGE REGULATOR WITH WATCHDOG TIMER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8044AF Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA8044AF Datasheet HTML 1Page - Toshiba Semiconductor TA8044AF Datasheet HTML 2Page - Toshiba Semiconductor TA8044AF Datasheet HTML 3Page - Toshiba Semiconductor TA8044AF Datasheet HTML 4Page - Toshiba Semiconductor TA8044AF Datasheet HTML 5Page - Toshiba Semiconductor TA8044AF Datasheet HTML 6Page - Toshiba Semiconductor TA8044AF Datasheet HTML 7Page - Toshiba Semiconductor TA8044AF Datasheet HTML 8Page - Toshiba Semiconductor TA8044AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TA8044AF
2002-02-27
3
PIN DESCRIPTION
PIN No.
SYMBOL
DESCRIPTION
1
VIN1
Power supply input pin for VCC1. It contains a 150mA (Typ.) current limiter.
2
VS1
Current limiter pin for VCC1. A 120mΩsense resistor is included between pin 1 and this pin.
3
OUT1
Power supply input pin for VCC1. When using an external current boost transistor, connect the
base of a PNP transistor to this pin. No external transistor is required when using the IC at a
load current of 10mA or less. In this case, connect the power supplies by shorting pins 1, 2, and
3.
4
VCC1
Voltage detection / output pin for VCC1. When using a current boost transistor, connect the
collector of a PNP transistor to this pin. When used with a load current of 10mA or less, this pin
serves as an output pin for the 3.3V power supply.
5
COMP1
Phase compensating pin for VCC1. Connect a phase compensating capacitor between pin 4 and
this pin.
6
EN
On / off control pin for VCC2. The 5V output is turned on when EN is high and turned off when
EN is low. A 50kΩ pull-down resistor is included in GND.
7
GND
Grounded
8
RESET
Power-on reset / watchdog timer reset output pin.
・
Generates a reset signal that is determined by CT and RT at the TC pin.
・
If no clock is fed to the CK input, this pin generates a reset pulse intermittently.
This is an NPN transistor collector output, with a 100kΩ pull-up resistor built into VCC2.
9
TC
Time setup pin for the reset and watchdog timers. Connect resistor RT to VCC2 and capacitor
CT to GND.
10
CK
Clock input pin for the watchdog timer. If used only as a power-on reset timer, pull up this input
to VCC2.
11
VCC3
This pin contains a 7.5V Zener diode. To use this pin, short it to pin 13. When the VCC2 voltage
becomes abnormal, the Zener diode suppresses the voltage.
12
COMP2
Phase compensating pin for VCC2. Connect a phase compensating capacitor between pin 13
and this pin.
13
VCC2
Voltage detection pin for the 5V constant-voltage power supply, VCC2. It also supplies power to
the reset timer block.
14
OUT2
This pin is used to connect the base of an external PNP transistor. The output voltage is
controlled by an internal op-amp to maintain it stably at 5V. Since the recommended current of
IOUT is 5mA, an output current of up to 600mA can be flowed if HFE of the external transistor is
120 or more.
15
VS2
Detection pin for the VCC2 current limiter. A voltage drop occurring in the external resistor Rs
between pins 15 and 16 is monitored. The current limiter is actuated when the voltage drop
exceeds 0.3V.
Ex. ) When the current limiter need to be actuated at a load current of 600mA
Rs = 0.3V / 600mA = 0.5Ω
16
VIN2
Power supply input pin.
An internal 6V constant voltage is connected to this pin for supplying power to the VCC1 / 2
current limiters, voltage regulating circuit for VCC1, reference voltage source, and the EN input
circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com