Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53XI Datasheet(PDF) 2 Page - NEC

Part # 53XI
Description  Slim Tower Workstation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

53XI Datasheet(HTML) 2 Page - NEC

  53XI Datasheet HTML 1Page - NEC 53XI Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
▐ Space-saving
l
Despite being a 90 mm wide slim
chassis, it provides high
performance of the workstation.
With slim stabilizers, you can
make the best use of the space at
the sides of the chassis, such as
for a bookend.
▐ PCI selectable
l
Riser type PCI slot adopted. In addition to
the standard equipment PCI Express
(x16)/(x4) riser card for installing a
graphics card, the optional PCI Express
(x4)/PCI (32bit/33MHz) riser card is also
selectable.
© Copyright 2012 NEC Corporation. The information and
specification contained in this publication are subject to
modification without prior notice. Microsoft and Windows
Server are either registered trademarks or trademarks of
Microsoft Corporation in the United States and/or other
countries. Intel, the Intel logo, Pentium, Pentium Inside, Xeon,
and Xeon Inside are trademarks of Intel Corporation in the U.S.
and/or other countries. All other names of products and brands
cited are the property of their respective owners. NEC is not
responsible for photographic or typing errors.
NEC EXPRESS5800/53Xi
HARDWARE SPECIFICATION
NEC Corporation
7-1, Shiba 5-chome, Minato-ku, Tokyo,
108-8001, Japan
www.nec.com/express
▐ High-end graphics
accelerator installable
l
For a workstation of this class,
NVIDIA® Quadro® K4000 can be
installed to the slim chassis. 53Xi is
suitable not only for CAD as well as
for terminals in industries such as
financial and medicine.
Model number
Processor
Chipset
Type
Mountable memory
Maximum size
Error detection/correction
Number of slots
Mountable HDD
Maximum size
Maximum mountable number
Controller
Internal graphics
Chip type
Mountable graphics card
Network function
Serial
Display
USB*03
LAN
Audio*03
Internal 3.5 inch bay [Open]
5.25 inch bay [Open]
Riser card
Standard
Option (N8006-1011)
PCI Express (x16) [Open]
PCI Express (x4) [Open]
1 slot [1] (Mechanically x8, Short size)
PCI Express 2.0 supported
-
32 bit PCI slot [Open]
-
1 slot [1] (33MHz/5V, Short size)
Power consumption
At maximum configuration*05 (under heavy load)
*1 There are some functional limitations for Windows® 8 Pro 64 bit model. (RAID function not supported, some option boards not supported (LAN board))
*3 Not all the peripherals are guaranteed to run properly.
*5 Power consumption of the server in the maximum configuration is measured.
*6 When the server is stored at low or high temperature, the system clock may run significantly faster or slower. Use of a time server (NTP server) is recommended if high
accuracy is required in the system clock.
*7 When installing Windows 7 Professional manually in the onboard RAID configuration or optional RAID configuration, prepare your USB memory or choose Flash FDD
[N8160-86].
*2 When 4GB memory is installed in Windows 7 Professional, usable memory is approximately 3GB.
*4 The depth of the mountable board is either within 312 mm (long size), 350 mm with the retainer, 173 mm (short size), or 167.6 mm (MD2). Also, the width of the
mountable board is either within 111 mm (with no "Low-Profile" indication) or within 64 mm (with "Low-Profile" indication).
EXPRESSBUILDER, NEC ESMPRO Manager, NEC ESMPRO Agent
Memory
Internal HDD/SSD
Interface
Expansion bay
Headphone terminal×1 (Front), microphone terminal (Stereo)×2 (Front:1, Rear:1),
Line-out (Dual-used for headphone)×1 (Rear), Line-in×1 (Rear)
2 slots [1]
1 slot (Flat type) [0]
SATA HDD: 4TB
2
SATA III/600
(LSI Embedded MegaRAID™: RAID-0/1 supported)*01
Intel® HD Graphics P4600 (Built-in in CPU)
NVIDIA Quadro® K600 / NVIDIA Quadro® K2000 / NVIDIA Quadro® K4000
4GB / 8GB
32GB*02
ECC
4 slots
Expansion slot*04
Dimension (W x D x H)
Weight (Maximum)
Power
Temperature/humidity condition *06
Supported OS
Attached software
Approx. 9.2 kg
AC100/200V ±10%, 50/60Hz±3Hz
250VA/244W
Windows® 8 Pro 64 bit*01
 
Windows® 7 Professional (SP1) 32 bit*07
 
Windows® 7 Professional (SP1) 64 bit*07
In operation: 10 - 35°C / 10 - 80% (No condensation)
In storage: -10 - 55°C / 10 - 80% (No condensation)
1 slot [1] (Short size) PCI Express 3.0 supported
90×373×336 mm (Vertical mounting, stabilizers not included)
160×373×336 mm (Vertical mounting, stabilizers included)
336×373×97 mm (Horizontal mounting)
1000BASE-T / 100BASE-TX / 10BASE-T (Wake On LAN/PXE boot supported) x2
RS-232C D-sub 9 pin (16550A compatible)×1 (Rear)
USB 3.0 compliant×6 (Rear: 6), USB 2.0 compliant×2 (Front: 2)
RJ-45×2 (Rear)
DP×2 (Rear), mini D-sub 15 pin×1 (Rear) (Triple monitor supported)
SATA HDD: 500GB / 1TB / 2TB (7,200rpm)
NEC Express5800/53Xi
NP8000-9011FP02/03/04/05/06
Intel® C226
DDR3-1600 (PC3-12800) SDRAM
Intel® Xeon® Processor E3-1275v3 (3.50GHz, 8MB Cache, Quad Core)
Intel® Xeon® Processor E3-1225v3 (3.20GHz, 8MB Cache, Quad Core)
4th Generation Intel® Core™ i3 Processor 4330 (3.50GHz, 4MB Cache, Dual Core)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com