Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP400 Datasheet(PDF) 2 Page - NEC

Part # AP400
Description  On-site wireless telephony on your IP Network
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

AP400 Datasheet(HTML) 2 Page - NEC

  AP400 Datasheet HTML 1Page - NEC AP400 Datasheet HTML 2Page - NEC AP400 Datasheet HTML 3Page - NEC AP400 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IP DECT AP400 series
AP400 features
Antenna
• Standard: internal omni-directional antenna
• Optional: external antenna (only on AP400E)
Call handling
features
• Crystal clear speech
• CLIP and name display
• Enquiry
• Conferencing
• Seamless integration with features of PBX
platform 1)
• Central Directory support 1)
• DTMF and call progress tones
• Overlap Sending
• Multiple call Appearance (2nd call)
Capacity
• Channels: 12 channels providing max. 11 simultaneous calls per AP400
• Maximum number of DECT Access Points is 750
• Maximum number of extensions is 18750 (this number is restricted by the maximum number of extensions
supported by the host PBX system)
Design
• Very compact unit (less than A5 size) with flexible antenna positioning
Housing
• Indoor use: mounting on wall or under ceiling
• Optional: weather proof outdoor housing
Localisation
support
• Supported frequency bands: EMEA, US, Latin America, Thailand 2)
• AP400 is available for EMEA, US and Canada, Latin America, Australia and specific Far East markets
• A dedicated AP400 configuration is available for Cruise Line ships that need the frequency band to be switched
from EMEA to North American band (based on GPS position)
Management
• DAP Manager runs on a standard Windows PC, can run in parallel with other applications
• DAP Manager is not required for daily use, unless support of wide area roaming or messaging is required
Messaging
• Messaging (LRMS) support
• Maximum message length support: 160
characters 3)
• Message broadcast support 1)
• Message waiting indication
Menu
• Easy menu programming
Messaging
• Messaging (LRMS) support
• Message waiting (voicemail)
• Support of different urgencies/priorities: Normal,
urgent and emergency
• Message broadcast support
• Set-up of voice call to call back number in message
Mobility/other
• Supports DECT compatible handsets
• Roaming and seamless handover
• Full non-blind slot radio
• Location detection 1)
Multi-site
support (main
and branch
offices)
• AP400 can be used in main and branch offices
• AP400s in a DECT location are part of the same
multi-cast group in the LAN
• For use in WAN no multi-cast is required
• DAP manager is required for wide area roaming
• Branch and main offices form one combined DECT
system
Network
aspects
• Connects directly to Local Area Network
Ethernet
• Multicast
• 10/100 Mbits Ethernet interface
• Support of G.711 and G.722 for CAT-iq 5)
• Support of G.729AB compression (with G7A add-on board)
Power supply
• Power over Ethernet (PoE) according to 802.3af
Security
• Secure DECT authentication on all channels
Service/
maintenance
• Software upgrading via air interface 4)
• Software upgrading of handsets via air interface 4)
• Software upgrading via headset connector (2.5 mm)
• LED status indicator
SIP protocol
support
• AP400 supports SIP protocol (See also the SIP Protocol Support table)
• The AP400 adds DECT mobility to a SIP enabled PBX (See also the paragraph on PBX platform compatibility)
Signalling
• Synchronisation requires 1 channel
User interface
• Web access (via DAP Manager)
• Directly from DAP Manager application PC
1) Features depend on the capabilities of the PBX and IP DECT system.
2) EMEA DECT frequency band is supported in most Asian markets as well.
3) The maximum number of characters depends on the PBX platform and application used for messaging.
4) See DECT handset datasheets for support of software upgrading through the air.
5) CAT-iq features are enabled by specific R6 versions.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com