Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99MD02 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L99MD02
Description  Two current monitor outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD02 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L99MD02 Datasheet HTML 23Page - STMicroelectronics L99MD02 Datasheet HTML 24Page - STMicroelectronics L99MD02 Datasheet HTML 25Page - STMicroelectronics L99MD02 Datasheet HTML 26Page - STMicroelectronics L99MD02 Datasheet HTML 27Page - STMicroelectronics L99MD02 Datasheet HTML 28Page - STMicroelectronics L99MD02 Datasheet HTML 29Page - STMicroelectronics L99MD02 Datasheet HTML 30Page - STMicroelectronics L99MD02 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
L99MD02
Functional description of the SPI
Doc ID 16082 Rev 5
27/46
Figure 9.
Indication of the global error flag on SDO when CSN is low and SCK is stable
The bit 0 of the <Global Status Byte> is a combination of an under/overvoltage warning and
a software warning: If the bit 5 is one (this is the standard after a correct SPI
communication), bit 0 is the logical OR of all under- and overvoltage status bits.
On the other hand, if there has been an SPI communication error or a chip reset (bit 5 is
zero), then bit 0 gives a better indication about the SPI error: An SDI stuck-at error will lead
to a software reset and will set bit 0, while a clock pulse error only sets the communication
error bit, clears bit 5 and will clear also bit 0. This leads to the following table of possible
states (assuming there is no under/overvoltage, overcurrent, openload or thermal error):
Writing to the selected data input register is only enabled if exactly one frame length is
transmitted within one communication frame (i.e. CSN low). If more or less clock pulses are
counted within one frame, the complete frame will be ignored and a SPI frame error is
signaled in the Global Status register. This safety function is implemented to avoid an
unwanted activation of output stages by a wrong communication frame.
Table 21.
Reset
State
Description
Global status
EN = 0 (Power on reset)
All registers reset
Outputs switched off (3-state)
1000 0000
Clock cycles != 24
Ignore frame
No reset
1100 0000
SDI always 0
Software reset
Outputs switched off
1100 0001
SDI always 1
Software reset
Outputs switched off
1100 0001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com