Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA2012F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA2012F
Description  3V AM / FM IF MPX (For Digital Tuning System)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2012F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA2012F Datasheet HTML 1Page - Toshiba Semiconductor TA2012F Datasheet HTML 2Page - Toshiba Semiconductor TA2012F Datasheet HTML 3Page - Toshiba Semiconductor TA2012F Datasheet HTML 4Page - Toshiba Semiconductor TA2012F Datasheet HTML 5Page - Toshiba Semiconductor TA2012F Datasheet HTML 6Page - Toshiba Semiconductor TA2012F Datasheet HTML 7Page - Toshiba Semiconductor TA2012F Datasheet HTML 8Page - Toshiba Semiconductor TA2012F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TA8132AN / AF , TA2012N / F
2002-10-30
3
Explanation Of Terminals
DC Voltage (V)
(at no Signal)
Pin
No.
Item
Internal Circuit
AM
FM
1
AM RF IN
3.0
3.0
2
・
IF count output sensitivity adjust
terminal
・
FM IF divider control terminal
―
―
3
AM OSC
3.0
3.0
4
AM OSC OUT
2.7
3.0
5
VCC
―
3.0
3.0
6
AM LOW CUT
2.3
2.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com