Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV2664ACLZWT Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 53 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 49Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 50Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 51Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 52Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 53Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 54Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 55Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 56Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Table 2-21. Multichannel Audio Serial Port (McASP0) Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
McASP0
AMUTEIN0/FSX1/
IPD
This pin is multiplexed between McASP0, McBSP1, and GPIO.
F2
G3
I/O/Z
GP[109]
DVDD33
For McASP0, it is McASP0 mute input AMUTEIN0 (I).
AMUTE0/DR1/
IPD
This pin is multiplexed between McASP0, McBSP1, and GPIO.
G3
H3
I/O/Z
GP[110]
DVDD33
For McASP0, it is McASP0 mute output AMUTE0 (O/Z).
ACLKR0/CLKX0/
IPD
This pin is multiplexed between McASP0, McBSP0, and GPIO.
H1
J1
I/O/Z
GP[99]
DVDD33
For McASP0, it is McASP0 receive bit clock ACLKR0 (I/O/Z).
This pin is multiplexed between McASP0, McBSP0, and GPIO.
AHCLKR0/CLKR0/
IPD
J2
K1
I/O/Z
For McASP0, it is McASP0 receive high-frequency master clock
GP[101]
DVDD33
AHCLKR0 (I/O/Z).
ACLKX0/CLKX1/
IPD
This pin is multiplexed between McASP0, McBSP1, and GPIO.
F1
G1
I/O/Z
GP[106]
DVDD33
For McASP0, it is McASP0 transmit bit clock ACLKX0 (I/O/Z).
This pin is multiplexed between McASP0, McBSP1, and GPIO.
AHCLKX0/CLKR1/
IPD
G1
H1
I/O/Z
For McASP0, it is McASP0 transmit high-frequency master clock
GP[108]
DVDD33
AHCLKX0 (I/O/Z).
This pin is multiplexed between McASP0, McBSP0, and GPIO.
AFSR0/DR0/
IPD
H4
K3
I/O/Z
For McASP0, it is McASP0 receive frame synchronization AFSR0
GP[100]
DVDD33
(I/O/Z).
This pin is multiplexed between McASP0, McBSP1, and GPIO.
AFSX0/DX1/
IPD
G2
G2
I/O/Z
For McASP0, it is McASP0 transmit frame synchronization AFSX0
GP[107]
DVDD33
(I/O/Z).
This pin is multiplexed between McASP0, McBSP0, and GPIO.
AXR0[3]/FSR0/
IPD
G4
J3
I/O/Z
For McASP0, it is McASP0 transmit/receive (TX/RX) data pin 3
GP[102]
DVDD33
AXR0[3] (I/O/Z).
This pin is multiplexed between McASP0, McBSP0, and GPIO.
AXR0[2]/FSX0/
IPD
H3
J2
I/O/Z
For McASP0, it is McASP0 transmit/receive (TX/RX) data pin 2
GP[103]
DVDD33
AXR0[2] (I/O/Z).
This pin is multiplexed between McASP0, McBSP0, and GPIO.
AXR0[1]/DX0/
IPD
J3
K2
I/O/Z
For McASP0, it is McASP0 transmit/receive (TX/RX) data pin 1
GP[104]
DVDD33
AXR0[1] (I/O/Z).
This pin is multiplexed between McASP0, McBSP1, and GPIO.
AXR0[0]/FSR1/
IPD
H2
H2
I/O/Z
For McASP0, it is McASP0 transmit/receive (TX/RX) data pin 0
GP[105]
DVDD33
AXR0[0] (I/O/Z).
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 3.9.1 , Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2007–2009, Texas Instruments Incorporated
Device Overview
53
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com