| Electronic Components Datasheet Search |
|
TNETV2665FIDZWT4 Datasheet(PDF) 50 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV2665FIDZWT4 Datasheet(HTML) 50 Page - Texas Instruments |
|
50 / 249 page ![]() TMS320C6424 SPRS347D – MARCH 2007 – REVISED DECEMBER 2009 www.ti.com Table 2-18. Host-Port Interface Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) DESCRIPTION ZWT ZDU NAME NO. NO. Host-Port Interface (HPI) HD0/VLYNQ_SCRUN/ IPU C8 B9 AD18/GP[58] DVDD33 HD1/VLYNQ_RXD0/ D7 C9 AD16/GP[59] HD2/VLYNQ_RXD1/ A8 A9 AD17/GP[60] HD3/VLYNQ_RXD2/ B7 B8 PCBE2/GP[61] HD4/VLYNQ_RXD3/ C7 C8 PFRAME/GP[62] HD5/VLYNQ_TXD0/ A6 A7 PIRDY/GP[63] HD6/VLYNQ_TXD1/ D6 C7 PTRDY/GP[64] This pin is multiplexed between HPI, VLYNQ or EMAC (MII), HD7/VLYNQ_TXD2/ B6 B7 PCI, and GPIO. PDEVSEL/GP[65] I/O/Z In HPI mode, these pins are host-port data pins HD[15:0] HD8/VLYNQ_TXD3/ IPD (I/O/Z) and are multiplexed internally with the HPI address A5 A6 PPERR/GP[66] DVDD33 lines. HD9/MCOL/ C6 C6 PSTOP/GP[67] HD10/MCRS/ B5 B6 PSERR/GP[68] HD11/MTXD3/ C5 A5 PCBE1/GP[69] HD12/MTXD2/ D5 C5 PPAR/GP[70] HD13/MTXD1/ B4 B4 AD14/GP[71] HD14/MTXD0/ D4 B5 AD15/GP[72] HD15/MTXCLK/ A4 A4 AD12/GP[73] This pin is multiplexed between HPI, EMAC (MII), PCI, and HHWIL/MRXDV/ IPD GPIO. C4 D3 I/O/Z AD13/GP[74] DVDD33 In HPI mode, this pin is half-word identification input HHWIL (I). This pin is multiplexed between HPI, EMAC (MII), PCI, and GPIO. HCNTL1/MTXEN/ IPD In HPI mode, this pin is control input 1 HCNTL1 (I). The state D3 C4 I/O/Z AD11/GP[75] DVDD33 of HCNTL1 and HCNTL0 determines if address, data, or control information is being transmitted between an external host and the C6424. This pin is multiplexed between HPI, EMAC (MII), PCI, and GPIO. HCNTL0/MRXER/ IPD In HPI mode, this pin is control input 0 HCNTL0 (I). The state B3 B2 I/O/Z AD10/GP[76] DVDD33 of HCNTL1 and HCNTL0 determines if address, data, or control information is being transmitted between an external host and the C6424. This pin is multiplexed between HPI, EMAC (MII), PCI, and HR/W/MRXCLK/ IPD A3 A3 I/O/Z GPIO. AD8/GP[77] DVDD33 In HPI mode, this pin is host read or write select HR/W(I). (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 3.9.1 , Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal 50 Device Overview Copyright © 2007–2009, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320C6424 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |