| Electronic Components Datasheet Search |
|
TNETV2666INZWT Datasheet(PDF) 36 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV2666INZWT Datasheet(HTML) 36 Page - Texas Instruments |
|
36 / 249 page ![]() TMS320C6424 SPRS347D – MARCH 2007 – REVISED DECEMBER 2009 www.ti.com Table 2-12. EMIFA Terminal Functions (EMIFA Pinout Mode 2, AEM[2:0] = 010) (continued) SIGNAL TYPE(1) OTHER(2) (3) DESCRIPTION ZWT ZDU NAME NO. NO. This pin is multiplexed between EMIFA and GPIO. For EMIFA, this is the Bank Address 1 output EM_BA[1]. EM_BA[1]/ IPD When connected to an 8-bit asynchronous memory, this pin is the 2nd C16 C20 I/O/Z GP[5]/(AEM0) DVDD33 bit of the address. When connected to a 16-bit asynchronous memory, this pin is the lowest order bit of the 16-bit word address. This pin is multiplexed between EMIFA and GPIO. IPD EM_A[21]/GP[34] D12 C16 I/O/Z For EMIFA (AEM[2:0] = 010), this pin is address bit 21 output DVDD33 EM_A[21]. This pin is multiplexed between EMIFA, PCI, and GPIO. EM_A[20]/PINTA/ IPD C12 C15 I/O/Z For EMIFA (AEM[2:0] = 010), this pin is address bit 20 output GP[44] DVDD33 EM_A[20]. This pin is multiplexed between EMIFA, PCI, and GPIO. EM_A[19]/PREQ/ IPD B12 C14 I/O/Z For EMIFA (AEM[2:0] = 010), this pin is address bit 19 output GP[45] DVDD33 EM_A[19]. This pin is multiplexed between EMIFA, PCI, and GPIO. EM_A[18]/PRST/ IPD D11 A14 I/O/Z For EMIFA (AEM[2:0] = 010), this pin is address bit 18 output GP[46] DVDD33 EM_A[18]. This pin is multiplexed between EMIFA, PCI, and GPIO. EM_A[17]/AD31/ IPD A11 B14 I/O/Z For EMIFA (AEM[2:0] = 010), this pin is address bit 17 output GP[47] DVDD33 EM_A[17]. This pin is multiplexed between EMIFA, PCI, and GPIO. EM_A[16]/PGNT/ IPD C11 B13 I/O/Z For EMIFA (AEM[2:0] = 010), this pin is address bit 16 output GP[48] DVDD33 EM_A[16]. This pin is multiplexed between EMIFA, PCI, and GPIO. EM_A[15]/AD29/ IPD B11 C13 I/O/Z For EMIFA (AEM[2:0] = 010), this pin is address bit 15 output GP[49] DVDD33 EM_A[15]. This pin is multiplexed between EMIFA, PCI, and GPIO. EM_A[14]/AD27/ IPD A10 A13 I/O/Z For EMIFA (AEM[2:0] = 010), this pin is address bit 14 output GP[50] DVDD33 EM_A[14]. This pin is multiplexed between EMIFA, PCI, and GPIO. EM_A[13]/AD25/ IPD B10 A12 I/O/Z For EMIFA (AEM[2:0] = 010), this pin is address bit 13 output GP[51] DVDD33 EM_A[13]. This pin is multiplexed between EMIFA, PCI, and GPIO. EM_A[12]/PCBE3/ IPD D10 B12 I/O/Z For EMIFA (AEM[2:0] = 010), this pin is address bit 12 output GP[89] DVDD33 EM_A[12]. This pin is multiplexed between EMIFA, PCI, and GPIO. EM_A[11]/AD24/ IPD C10 C12 I/O/Z For EMIFA (AEM[2:0] = 010), this pin is address bit 11 output GP[90] DVDD33 EM_A[11]. This pin is multiplexed between EMIFA, PCI, and GPIO. EM_A[10]/AD23/ IPD A9 B11 I/O/Z For EMIFA (AEM[2:0] = 010), this pin is address bit 10 output GP[91] DVDD33 EM_A[10]. This pin is multiplexed between EMIFA, PCI, and GPIO. EM_A[9]/PIDSEL/ IPD D9 C11 I/O/Z GP[92] DVDD33 For EMIFA (AEM[2:0] = 010), this pin is address bit 9 output EM_A[9]. This pin is multiplexed between EMIFA, PCI, and GPIO. EM_A[8]/AD21/ IPD B9 A11 I/O/Z GP[93] DVDD33 For EMIFA (AEM[2:0] = 010), this pin is address bit 8 output EM_A[8]. This pin is multiplexed between EMIFA, PCI, and GPIO. EM_A[7]/AD22/ IPD C9 C10 I/O/Z GP[94] DVDD33 For EMIFA (AEM[2:0] = 010), this pin is address bit 7 output EM_A[7]. 36 Device Overview Copyright © 2007–2009, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320C6424 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |