Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPV1050 Datasheet(PDF) 24 Page - STMicroelectronics

Part # SPV1050
Description  Ultralow power energy harvester and battery charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1050 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SPV1050 Datasheet HTML 20Page - STMicroelectronics SPV1050 Datasheet HTML 21Page - STMicroelectronics SPV1050 Datasheet HTML 22Page - STMicroelectronics SPV1050 Datasheet HTML 23Page - STMicroelectronics SPV1050 Datasheet HTML 24Page - STMicroelectronics SPV1050 Datasheet HTML 25Page - STMicroelectronics SPV1050 Datasheet HTML 26Page - STMicroelectronics SPV1050 Datasheet HTML 27Page - STMicroelectronics SPV1050 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Functional description
SPV1050
24/36
DocID025569 Rev 4
6.4
MPPT setting
When the MPPT feature is enabled, the SPV1050 device sets its working point such that VIN
= VMPP. In fact, VMPP is a fraction of the open circuit voltage VOC of the harvesting source.
Figure 19. MPPT setup circuitry
The maximum power point is set through the input resistor partitioning R1, R2 and R3.
First of all, set the total input resistance (R1 + R2 + R3) considering the maximum
acceptable leakage current (ILEAKAGE):
Equation 4
ILEAKAGE = VOC / (R1 + R2 + R3)
Typically, assuming 10 M
≤ R1 + R2 + R3 ≤ 20 M, the leakage on the input resistor
partitioning can be considered as negligible.
Then set the R2 + R3 selecting the minimum between the results of equations 5 and 6 which
consider that the voltage on the MPP pin must be lower than the minimum VUVP (VUVP(min)
= 2.2 V) and the energy balance on the inductor even at very low input power (see details in
Appendix A, Application tips), respectively:
Equation 5
R2 + R3 ≤ (R1 + R2 + R3) * VUVP(min) / VOC
Equation 6
R2 + R3 ≤ 51 * (R1 + R2 + R3) * VMPP(min) / VEOC
Finally, set the R3 considering the MPPRATIO (in case of PV panels MPPRATIO = VMP / VOC):
Equation 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36