Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STBC02BJR Datasheet(PDF) 20 Page - STMicroelectronics

Part # STBC02BJR
Description  Li-Ion linear battery charger with LDO, load switches and reset generator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC02BJR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STBC02BJR Datasheet HTML 16Page - STMicroelectronics STBC02BJR Datasheet HTML 17Page - STMicroelectronics STBC02BJR Datasheet HTML 18Page - STMicroelectronics STBC02BJR Datasheet HTML 19Page - STMicroelectronics STBC02BJR Datasheet HTML 20Page - STMicroelectronics STBC02BJR Datasheet HTML 21Page - STMicroelectronics STBC02BJR Datasheet HTML 22Page - STMicroelectronics STBC02BJR Datasheet HTML 23Page - STMicroelectronics STBC02BJR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
Functional pin description
STBC02
20/39
DocID029261 Rev 2
6.5
BATSNS, BATSNSFV
Battery voltage sense pin. The BATSNS pin must be connected as close as possible to the
battery positive terminal to ensure the maximum accuracy on the floating voltage and on
the battery voltage protection thresholds. The BATSNSFV pin can be used to fix the VFLOAT
value by connecting a proper external series resistor (to BATSNSFV. The battery floating
voltage can be set up to 4.45 V according to the following equation:
Equation 2:
������������������������������������ = ������������������������������������ ∗ (1 +
������������������������
1����Ω
) ���� = 4.2 ∗ (1 +
������������������������
1����Ω
) ����
Example: to set the battery floating voltage at 4.35 V, refer to the following equation.
Equation 3:
���������������� = 1����Ω ∗ (
������������������������������������
4.2����
− 1) = 1����Ω ∗ (
4.35����
4.2����
− 1) = 35.7����Ω
If the BATSNSFV pin is connected to the battery positive terminal, the floating voltage is
set at its 4.2 V default value.
6.6
BAT
External battery connection pin (positive terminal). A 4.7 µF ceramic bypass capacitor must
be connected to GND.
6.7
IN
5 V input supply voltage pin. The STBC02 is powered off from this pin when a valid voltage
source is detected, meaning a voltage higher than VUVLO and lower than VINOVP. A 10 µF
ceramic bypass capacitor must be connected to GND.
6.8
SYS
The internal LDO input voltage and external unregulated supply pin. The maximum current
deliverable through this pin depends on the following two conditions: LDO load and battery
status. However, if none of the above loads sink current, the maximum SYS current budget
is 450 mA, provided that the input voltage source can deliver that amount of current.
SYS voltage source can be either IN or BAT, depending on the operating conditions (refer
to the following table). A ceramic bypass capacitor of 1 µF must be connected to GND.
Table 7: SYS voltage source
VIN
VBAT
SYS status
LDO status
< VUVLO
< VODC(1)
Not powered
Off
< VUVLO
> VODC
VBAT(2)
On
> < VUVLO and < VINOVP
X (don’t care)(3)
VIN
On
> VINOVP
< VODC
Not powered
Off
> VINOVP
> VODC
VBAT(2)
On
Notes:
(1)VODCR if the shutdown mode or the over-discharge protection has been previously activated.
(2)Voltage drop over internal MOSFET is not included.
(3)Battery disconnected (0 V) or fully discharged. Resistive short-circuit is not supported for safety reasons.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com