Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STBC02AJR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STBC02AJR
Description  Li-Ion linear battery charger with LDO, load switches and reset generator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC02AJR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STBC02AJR Datasheet HTML 14Page - STMicroelectronics STBC02AJR Datasheet HTML 15Page - STMicroelectronics STBC02AJR Datasheet HTML 16Page - STMicroelectronics STBC02AJR Datasheet HTML 17Page - STMicroelectronics STBC02AJR Datasheet HTML 18Page - STMicroelectronics STBC02AJR Datasheet HTML 19Page - STMicroelectronics STBC02AJR Datasheet HTML 20Page - STMicroelectronics STBC02AJR Datasheet HTML 21Page - STMicroelectronics STBC02AJR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Typical performance characteristics
STBC02
18/39
DocID029261 Rev 2
Figure 15: VBAT to VSYS drop and VSYS to VLDO
drop (10 mA)
Figure 16: VBAT to VSYS drop and VSYS to VLDO
drop (100 mA)
LDO loaded by 10 mA; VODC cut-off
LDO loaded by 100 mA; VODC cut-off
CH1 (blue) = VLDO 400 mV/div
CH2 (red) = VSYS 400 mV/div
CH3 (green) = VBAT 400 mV/div
CH4 (pink) = ILDO 10 mA/div
CH1 (blue) = VLDO 400 mV/div
CH2 (red) = VSYS 400 mV/div
CH3 (green) = VBAT 400 mV/div
CH4 (pink) = ILDO 20 mA/div
Figure 17: CEN operation
Figure 18: CEN operation, VIN plug/unplug
CH1 (blue) = CEN 3 V/div
CH3 (green) = VBAT 800 mV/div
CH4 (pink) = IBAT 20 mA/div
CH1 (blue) = IN pin 3.0 V/div
CH3 (green) = CEN 2.0 V/div
CH4 (pink) = IBAT 30 mA/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com