Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL9P2UH7 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STL9P2UH7
Description  P-channel 20 V, 0.0195 Ω typ., 9 A STripFET™ H7 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL9P2UH7 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STL9P2UH7 Datasheet HTML 6Page - STMicroelectronics STL9P2UH7 Datasheet HTML 7Page - STMicroelectronics STL9P2UH7 Datasheet HTML 8Page - STMicroelectronics STL9P2UH7 Datasheet HTML 9Page - STMicroelectronics STL9P2UH7 Datasheet HTML 10Page - STMicroelectronics STL9P2UH7 Datasheet HTML 11Page - STMicroelectronics STL9P2UH7 Datasheet HTML 12Page - STMicroelectronics STL9P2UH7 Datasheet HTML 13Page - STMicroelectronics STL9P2UH7 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
STL9P2UH7
Package mechanical data
DocID025141 Rev 3
11/14
Table 8: PowerFLAT™ 3.3 x 3.3 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.70
0.80
0.90
b
0.25
0.30
0.39
c
0.14
0.15
0.20
D
3.10
3.30
3.50
D1
3.05
3.15
3.25
D2
2.15
2.25
2.35
e
0.55
0.65
0.75
E
3.10
3.30
3.50
E1
2.90
3.00
3.10
E2
1.60
1.70
1.80
H
0.25
0.40
0.55
K
0.65
0.75
0.85
L
0.30
0.45
0.60
L1
0.05
0.15
0.25
L2
0.15
J
8°
10°
12°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com