Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL10N60M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL10N60M2
Description  N-channel 600 V, 0.580 Ω typ., 5.5 A MDmesh II Plus™ low Qg Power MOSFET in a PowerFLAT™ 5x6 HV package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL10N60M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STL10N60M2 Datasheet HTML 1Page - STMicroelectronics STL10N60M2 Datasheet HTML 2Page - STMicroelectronics STL10N60M2 Datasheet HTML 3Page - STMicroelectronics STL10N60M2 Datasheet HTML 4Page - STMicroelectronics STL10N60M2 Datasheet HTML 5Page - STMicroelectronics STL10N60M2 Datasheet HTML 6Page - STMicroelectronics STL10N60M2 Datasheet HTML 7Page - STMicroelectronics STL10N60M2 Datasheet HTML 8Page - STMicroelectronics STL10N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
March 2014
DocID025439 Rev 2
1/16
STL10N60M2
N-channel 600 V, 0.580
Ω typ., 5.5 A MDmesh II Plus™ low Qg
Power MOSFET in a PowerFLAT™ 5x6 HV package
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Extremely low gate charge
• Lower RDS(on) x area vs previous generation
• Low gate input resistance
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
This device is an N-channel Power MOSFET
developed using a new generation of MDmesh™
technology: MDmesh II Plus™ low Qg. This
revolutionary Power MOSFET associates a
vertical structure to the company's strip layout to
yield one of the world's lowest on-resistance and
gate charge. It is therefore suitable for the most
demanding high efficiency converters.
AM15540v3
5
6
7
8
12
3
4
Top View
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)
1
2
3
4
PowerFLAT™ 5x6 HV
Order code
VDS @
TJmax
RDS(on) max
ID
STL10N60M2
650 V
0.660
Ω
5.5 A
Table 1. Device summary
Order code
Marking
Package
Packaging
STL10N60M2
10N60M2
PowerFLAT™ 5x6 HV
Tape and reel
www.st.com


Similar Part No. - STL10N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL10N60M6 STMICROELECTRONICS-STL10N60M6 Datasheet
793Kb / 15P
N-channel 600 V, 550 m typ., 5.5 A, MDmesh™ M6 Power MOSFET in a PowerFLAT™ 5x6 HV package
18-Dec-2018
More results

Similar Description - STL10N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL24N60M2 STMICROELECTRONICS-STL24N60M2 Datasheet
1Mb / 16P
N-channel 600 V, 0.186 typ., 18 A MDmesh II Plus low Qg Power MOSFET in a PowerFLAT 8x8 HV package
STL18N60M2 STMICROELECTRONICS-STL18N60M2 Datasheet
946Kb / 16P
N-channel 600 V, 0.278 Ω typ., 9 A MDmesh II Plus™ low Qg Power MOSFET in a PowerFLAT™ 5x6 HV package
12-Jun-2014
STL13N60DM2 STMICROELECTRONICS-STL13N60DM2 Datasheet
894Kb / 15P
N-channel 600 V, 0.350 (ohm) typ., 8 A MDmesh DM2 Power MOSFET in a PowerFLAT 5x6 HV package
07-Dec-2016
STL9N60M2 STMICROELECTRONICS-STL9N60M2 Datasheet
1Mb / 16P
N-channel 600 V, 0.76 Ω typ., 4.8 A MDmesh II Plus™ low Qg Power MOSFET in a PowerFLAT™ 5x6 HV package
17-Mar-2014
STL12N60M2 STMICROELECTRONICS-STL12N60M2 Datasheet
474Kb / 15P
N-channel 600 V, 0.400 Ω typ., 6.5 A MDmesh™ M2 Power MOSFET in a PowerFLAT 5x6 HV package
May 2015 Rev 1
STL10N60M6 STMICROELECTRONICS-STL10N60M6 Datasheet
793Kb / 15P
N-channel 600 V, 550 m typ., 5.5 A, MDmesh™ M6 Power MOSFET in a PowerFLAT™ 5x6 HV package
18-Dec-2018
STL15N60DM6 STMICROELECTRONICS-STL15N60DM6 Datasheet
579Kb / 15P
N-channel 600 V, 295 m typ., 8.5 A, MDmesh DM6 Power MOSFET in a PowerFLAT 5x6 HV package
03-Jul-2020
STL16N60M6 STMICROELECTRONICS-STL16N60M6 Datasheet
887Kb / 15P
N-channel 600 V, 0.30 typ., 8 A MDmesh™ M6 Power MOSFET in a PowerFLAT™ 5x6 HV package
03-Apr-2017
STL10LN80K5 STMICROELECTRONICS-STL10LN80K5 Datasheet
833Kb / 17P
N-channel 800 V, 0.59 Ω typ., 6 A MDmesh™ K5 Power MOSFET in a PowerFLAT™ 5x6 VHV package
09-Feb-2016
STL11N60M2-EP STMICROELECTRONICS-STL11N60M2-EP Datasheet
618Kb / 15P
N-channel 600 V, 0.600 Ω typ., 5.5 A MDmesh™ M2 EP Power MOSFET in a PowerFLAT™ 5x6 HV package
26-Apr-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com