Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL19N60M2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL19N60M2
Description  Extremely low gate charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL19N60M2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL19N60M2 Datasheet HTML 2Page - STMicroelectronics STL19N60M2 Datasheet HTML 3Page - STMicroelectronics STL19N60M2 Datasheet HTML 4Page - STMicroelectronics STL19N60M2 Datasheet HTML 5Page - STMicroelectronics STL19N60M2 Datasheet HTML 6Page - STMicroelectronics STL19N60M2 Datasheet HTML 7Page - STMicroelectronics STL19N60M2 Datasheet HTML 8Page - STMicroelectronics STL19N60M2 Datasheet HTML 9Page - STMicroelectronics STL19N60M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
STL19N60M2
6/15
DocID028887 Rev 1
2.1
Electrical characteristics (curves)
Figure 2: Safe operating area
Figure 3: Thermal impedance
Figure 4: Output characteristics
Figure 5: Transfer characteristics
Figure 6: Gate charge vs gate-source voltage
Figure 7: Static drain-source on-resistance
single pulse, TC= 25°C,
TJ≤ 150°C, VGS= 10 V
Operationin this area
is limitedby R
DS(on )
tp =
tp =
tp =
A
[ ]
tp =
GIPD250120161513SO A
10
-5
10
-4
10
-3
10
-2
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Single pulse
δ=0.5
Zth= K*RthJ-c
δ= tp/Ƭ
tp
Ƭ
VDS
VGS
6
4
2
0
0
Qg(nC)
(V)
5
8
10
VDD=480V
300
200
100
0
400
VDS
10
500
VDS
(V)
ID=13 A
15
20
25
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com