Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL40C30H3LL Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL40C30H3LL
Description  N-channel 30 V, 0.019 Ω typ., 10 A, P-channel 30 V, 0.024 Ω typ.,8 A STripFET™ VI Power MOSFET in a PowerFLAT 5x6 d. i. package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL40C30H3LL Datasheet(HTML) 4 Page - STMicroelectronics

  STL40C30H3LL Datasheet HTML 1Page - STMicroelectronics STL40C30H3LL Datasheet HTML 2Page - STMicroelectronics STL40C30H3LL Datasheet HTML 3Page - STMicroelectronics STL40C30H3LL Datasheet HTML 4Page - STMicroelectronics STL40C30H3LL Datasheet HTML 5Page - STMicroelectronics STL40C30H3LL Datasheet HTML 6Page - STMicroelectronics STL40C30H3LL Datasheet HTML 7Page - STMicroelectronics STL40C30H3LL Datasheet HTML 8Page - STMicroelectronics STL40C30H3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical characteristics
STL40C30H3LL
4/19
DocID023874 Rev 5
2
Electrical characteristics
Note:
For the P-channel MOSFET actual polarity of voltages and current has to be reversed
Table 4. On/off states
Symbol
Parameter
Test conditions
Channel Min.
Typ.
Max.
Unit
V
(BR)DSS
Drain-source
breakdown voltage
I
D
= 250 μA, V
GS
= 0
N
30
V
P
I
DSS
Zero gate voltage
drain current (V
GS
= 0)
V
DS
= 30 V
N
1
μA
P
V
DS
=30 V, T
C
=125 °C
N
10
μA
P
I
GSS
Gate-body leakage
current (V
DS
= 0)
V
GS
= ±20 V
N
±100
nA
P
V
GS(th)
Gate threshold voltage
V
DS
= V
GS
, I
D
= 250 μA
N
1V
P
R
DS(on)
Static drain-source
on-resistance
V
GS
= 10 V, I
D
= 4 A
N
0.019
0.021
P
0.024
0.03
V
GS
= 4.5 V, I
D
= 4 A
N
0.023
0.028
P
0.038
0.05
Table 5. Dynamic
Symbol
Parameter
Test conditions
Channel
Min.
Typ.
Max.
Unit
C
iss
Input capacitance
V
DS
= 24 V, f = 1 MHz,
V
GS
= 0
N
-
475
-
pF
P
-
1450
-
pF
C
oss
Output capacitance
N-
97
-
pF
P
-
178
-
pF
C
rss
Reverse transfer
capacitance
N-
19
-
pF
P
-
120
-
pF
Q
g
Total gate charge
V
DD
=24 V
I
D
=8 A
V
GS
= 4.5 V
(see Figure 25)
N
-
4.6
-
nC
P-
12
-
nC
Q
gs
Gate-source charge
N
-
1.7
-
nC
P
-
4.4
-
nC
Q
gd
Gate-drain charge
N
-
1.9
-
nC
P-
5
-
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com