Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL60N3LLH5 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STL60N3LLH5
Description  N-channel 30 V, 0.0063 Ω, 17 A PowerFLAT™(5x6) STripFET™ V Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL60N3LLH5 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STL60N3LLH5 Datasheet HTML 4Page - STMicroelectronics STL60N3LLH5 Datasheet HTML 5Page - STMicroelectronics STL60N3LLH5 Datasheet HTML 6Page - STMicroelectronics STL60N3LLH5 Datasheet HTML 7Page - STMicroelectronics STL60N3LLH5 Datasheet HTML 8Page - STMicroelectronics STL60N3LLH5 Datasheet HTML 9Page - STMicroelectronics STL60N3LLH5 Datasheet HTML 10Page - STMicroelectronics STL60N3LLH5 Datasheet HTML 11Page - STMicroelectronics STL60N3LLH5 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package mechanical data
STL60N3LLH5
10/12
Doc ID 17268 Rev 1
Figure 19. Power FLAT™ (5x6) drawing
Table 9.
Power FLAT™ (5x6) mechanical data
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
0.83
0.93
0.031
0.32
0.036
A1
0.02
0.05
0.0007
0.0019
A3
0.20
0.007
b
0.35
0.40
0.47
0.013
0.015
0.018
D5.00
0.196
D1
4.75
0.187
D2
4.15
4.20
4.25
0.163
0.165
0.167
E6.00
0.236
E1
5.75
0.226
E2
3.43
3.48
3.53
0.135
0.137
0.139
E4
2.58
2.63
2.68
0.103
0.105
e1.27
0.050
L
0.70
0.80
0.90
0.027
0.031
0.035



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com