Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL90N3LLH6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STL90N3LLH6
Description  N-channel 30 V, 0.0038 Ω typ., 24 A STripFET™ VI DeepGATE™ Power MOSFET in PowerFLAT™ 5x6 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL90N3LLH6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STL90N3LLH6 Datasheet HTML 6Page - STMicroelectronics STL90N3LLH6 Datasheet HTML 7Page - STMicroelectronics STL90N3LLH6 Datasheet HTML 8Page - STMicroelectronics STL90N3LLH6 Datasheet HTML 9Page - STMicroelectronics STL90N3LLH6 Datasheet HTML 10Page - STMicroelectronics STL90N3LLH6 Datasheet HTML 11Page - STMicroelectronics STL90N3LLH6 Datasheet HTML 12Page - STMicroelectronics STL90N3LLH6 Datasheet HTML 13Page - STMicroelectronics STL90N3LLH6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Package mechanical data
STL90N3LLH6
10/16
DocID15573 Rev 4
Table 9. PowerFLAT™ 5x6 type C-B mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.800.830.93
A1
0
0.02
0.05
A3
0.20
b
0.350.400.47
D5.00
D1
4.75
D2
4.15
4.20
4.25
E6.00
E1
5.75
E2
3.43
3.48
3.53
E4
2.58
2.63
2.68
e1.27
L
0.700.800.90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com